Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-94535-009 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-94535-009
Description  Housing for RAST 5, 2 Circuits, with Secondary Locking and External Latch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-94535-009 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-94535-009 Datasheet HTML 1Page - Molex Electronics Ltd. SD-94535-009 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0945354002
Status:
Active
Overview:
rast_5_connector_system
Description:
Housing for RAST 5, 2 Circuits, with Secondary Locking and External Latch
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-94518-006 (PDF)
General
Product Family
Crimp Housings
Series
94535
Overview
rast_5_connector_system
Product Name
RAST 5
Physical
Breakaway
No
Circuits (maximum)
2
Color - Resin
Natural (White)
Gender
Female
Glow-Wire Compliant
No
Material - Resin
Nylon
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.197 In
Pitch - Mating Interface (mm)
5.00 mm
Pitch - Term. Interface (in)
0.197 In
Pitch - Term. Interface (mm)
5.00 mm
Polarized to Mating Part
Yes
Ports
1
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Material Info
Reference - Drawing Numbers
Product Specification
PS-94518-006
Sales Drawing
SD-94535-009
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
94535Series
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-94535-009

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-94506-001 MOLEX11-SD-94506-001 Datasheet
89Kb / 2P
   Quick Disconnect Safelock Housing, accepts 6.35 x 0.81mm (.250"x.032") Female Tab Terminal
SD-94506-0XXX MOLEX11-SD-94506-0XXX Datasheet
87Kb / 2P
   Quick Disconnect, Safelock Female for 0.50-1.00mm짼 (18-24 AWG) Wire, Accepts 6.35mm
SD-94509-003 MOLEX11-SD-94509-003 Datasheet
1Mb / 21P
   Housing for Straight Fork Terminal, 2 Circuits, Polarization B
SD-94509-003 MOLEX11-SD-94509-003 Datasheet
605Kb / 11P
   Housing for Straight Fork Terminal, 6 Circuits, Polarization A
SD-94509-003 MOLEX11-SD-94509-003 Datasheet
605Kb / 11P
   Housing for Straight Fork Terminal, 3 Circuits, Polarization B
More results

Similar Description - SD-94535-009

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0945509206 MOLEX11-0945509206 Datasheet
143Kb / 2P
   5.00mm (.197") Pitch, Rast 5, PA Polyamide (Nylon) 6/6, UL 94V-2, 6 Circuits, Natural, with Sec. Locking and External Latch
logo
Tyco Electronics
1-968977-9 MACOM-1-968977-9 Datasheet
286Kb / 1P
   2.8MM TAB HOUSING, 3POS WITH SECONDARY LOCKING DEVICE
logo
PHOENIX CONTACT
1775567 PHOENIX-1775567 Datasheet
91Kb / 3P
   Sleeve housing, for double locking latch, height 76 mm, with screw Sleeve housing, for double locking latch, height 76 mm, with screw
logo
Molex Electronics Ltd.
0359550220 MOLEX5-0359550220 Datasheet
77Kb / 2P
   6.35mm (.250") Tab Wire-to-Wire Receptacle Housing, Locking Latch, 2 Circuits
logo
TE Connectivity Ltd
C-1971817 TEC-C-1971817 Datasheet
784Kb / 5P
   RAST 2.5 TAB HEADER ASSY TH, VERTICAL, EXTERNAL LOCKING
logo
Molex Electronics Ltd.
0491160211 MOLEX6-0491160211 Datasheet
192Kb / 2P
   2.54mm (.100") Pitch 2 Way Female Housing Assemblie, Secondary Locking, Crash Sensor
0916270501 MOLEX11-0916270501 Datasheet
612Kb / 5P
   5.00mm (.197") Pitch Appli-Mate RAST 5 IDT Housing, Direct/Indirect, Female, 2 Circuits
logo
Amphenol Communications...
65182 AMPHENOLCS-65182 Datasheet
61Kb / 1P
   locking latch
Rev J
logo
Molex Electronics Ltd.
1501761020 MOLEX1-1501761020 Datasheet
51Kb / 1P
   EconoLatch Plug Housing, Single Row, with Panel Mount Latch, 2 Circuits
19-09-1029 MOLEX11-19-09-1029 Datasheet
43Kb / 1P
   2.36mm Diameter Standard .093 Pin and Socket Receptacle Housing with Positive Latch, UL 94V-2, 2 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com