Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5031515009 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 5031515009
Description  0.50mm (.020") Pitch FFC-to-Board Connector, Plug Jacket Cover, 50 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

5031515009 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  5031515009 Datasheet HTML 1Page - Molex Electronics Ltd. 5031515009 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5031515009
Status:
Active
Description:
0.50mm (.020") Pitch FFC-to-Board Connector, Plug Jacket Cover, 50 Circuits
Documents:
Drawing (PDF)
Product Specification PS-501864-003 (PDF)
Product Specification PS-501786-003 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Accessories
Series
503151
Component Type
Jacket Cover
Product Name
N/A
Physical
Circuits (Loaded)
N/A
Circuits (maximum)
50
Color - Resin
Black
Gender
Plug
Material - Resin
Polyester
Packaging Type
Bag
Polarized to Mating Part
Yes
Temperature Range - Operating
-40°C to +85°C
Electrical
Current - Maximum per Contact
0.5A
Material Info
Reference - Drawing Numbers
Product Specification
PS-501786-003, PS-501864-003, RPS-501786-005,
RPS-501864-005
Sales Drawing
SD-503151-001
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
503151Series
Use With
501786 FFC-to-Board Connector, 501864
FFC-to-Board Connector, 503150 Plug
Jacket
This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 5031515009

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
503150-5009 MOLEX11-503150-5009 Datasheet
83Kb / 2P
   0.50mm (.020") Pitch FFC-to-Board Connector, Plug Jacket, 50 Circuits
5031505009 MOLEX11-5031505009 Datasheet
83Kb / 2P
   0.50mm (.020") Pitch FFC-to-Board Connector, Plug Jacket, 50 Circuits
logo
PHOENIX CONTACT
5031524 PHOENIX-5031524 Datasheet
53Kb / 3P
   Range box - SORTI 4/24
logo
Molex Electronics Ltd.
503154-1090 MOLEX11-503154-1090 Datasheet
539Kb / 6P
   1.50mm (.059") Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Dual Row, Vertical, 10 Circuits
503154-1290 MOLEX11-503154-1290 Datasheet
539Kb / 6P
   1.50mm (.059") Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Dual Row, Vertical, 12 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com