Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

95503-6894 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 95503-6894
Description  8/8 JACK SMT SHORT NO KEY VERSION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

95503-6894 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  95503-6894 Datasheet HTML 1Page - Molex Electronics Ltd. 95503-6894 Datasheet HTML 2Page - Molex Electronics Ltd. 95503-6894 Datasheet HTML 3Page - Molex Electronics Ltd. 95503-6894 Datasheet HTML 4Page - Molex Electronics Ltd. 95503-6894 Datasheet HTML 5Page - Molex Electronics Ltd. 95503-6894 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0955036894
Status:
Active
Overview:
modular_plugs_jacks
Description:
8/8 JACK SMT SHORT NO KEY VERSION
Documents:
3D Model
Product Specification PS-95503-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Application Specification (PDF)
Agency Certification
UL
E107635
General
Product Family
Modular Jacks/Plugs
Series
95503
Component Type
PCB Jack
Magnetic
No
Overview
modular_plugs_jacks
Performance Category
3
Power over Ethernet (PoE)
N/A
Product Name
RJ45
Physical
Boot Color
N/A
Color - Resin
Black
Durability (mating cycles max)
1,000
Flammability
94V-0
Inverted / Top Latch
No
Lightpipes/LEDs
None
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Orientation
Vertical (Top Entry)
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.040 In
Pitch - Mating Interface (mm)
1.02 mm
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Plating min: Mating (µin)
50.8
Plating min: Mating (µm)
1.27
Plating min: Termination (µin)
76
Plating min: Termination (µm)
1.9
Ports
1
Positions / Loaded Contacts
8/8
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +80°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Wire/Cable Type
N/A
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
95503Series
Mates With
FCC 68 Plugs


Similar Part No. - 95503-6894

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
95503-6891 MOLEX11-95503-6891 Datasheet
266Kb / 6P
   8/8 JACK SMT VERSION
More results

Similar Description - 95503-6894

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0955032884 MOLEX11-0955032884 Datasheet
200Kb / 5P
   8/8 JACK THRO. SHORT HOLE NO KEY VERSION
0955032881 MOLEX11-0955032881 Datasheet
200Kb / 5P
   8/8 JACK THROUGH HOLE NO KEY VERSION
0955032884 MOLEX1-0955032884_18 Datasheet
30Kb / 2P
   Modular Jack, Vertical, Top Entry, Through Hole, 8/8, No Key Version, Short, Tray
0955036891 MOLEX11-0955036891 Datasheet
266Kb / 6P
   8/8 JACK SMT VERSION
0955032882 MOLEX11-0955032882 Datasheet
200Kb / 5P
   8/8 JACK THROUGH HOLE WITH KEY VERSION
0955032881 MOLEX1-0955032881_18 Datasheet
30Kb / 2P
   Modular Jack, Vertical, Top Entry, Through Hole, 8/8, No Key Version, Tray
0955036894 MOLEX1-0955036894_18 Datasheet
33Kb / 2P
   Modular Jack,Vertical, Top Entry, Surface Mount, 8/8, Low Profile, Short, no Key, Tube
0955032882 MOLEX1-0955032882_18 Datasheet
30Kb / 2P
   Modular Jack, Vertical, Top Entry, Through Hole, 8/8, With Key Version, Tray
0955032641 MOLEX11-0955032641 Datasheet
200Kb / 5P
   6/4 JACK THROUGH HOLE NO KEY VERSION
0955032661 MOLEX11-0955032661 Datasheet
200Kb / 5P
   6/6 JACK THROUGH HOLE NO KEY VERSION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com