Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0945490301 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 0945490301
Description  New Cayman Terminal
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX11 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

0945490301 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 03/29/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0945490301
Status:
Active
Description:
New Cayman Terminal
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-94549-001 (PDF)
General
Product Family
Crimp Terminals
Series
94549
Crimp Quality Equipment
Yes
Product Name
N/A
Physical
Durability (mating cycles max)
100
Gender
Female
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Reel
Plating min: Mating (µin)
120.00
Plating min: Mating (µm)
3.000
Plating min: Termination (µin)
120.00
Plating min: Termination (µm)
3.00
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
N/A
Wire Size AWG
16+18, 18+18, 20+20
Wire Size mm²
0.5 + 0.5, 1.3+1.3
Electrical
Current - Maximum per Contact
10A
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Product Specification
PS-94549-001
Sales Drawing
SD-94549-001
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
94549Series
This document was generated on 03/29/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn