Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-502396-001 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # SD-502396-001
Description  0.40mm (.016") Pitch SlimStack Board-to-Board Plug, SMT, Dual Row, Vertical Stacking, 2.50mm (.098")
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-502396-001 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  SD-502396-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-502396-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-502396-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-502396-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-502396-001 Datasheet HTML 5Page - Molex Electronics Ltd. SD-502396-001 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Current - Maximum per Contact
0.3A
Voltage - Maximum
50V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Product Specification
PS-501635-002, RPS-501635-004
Sales Drawing
SD-502396-001, SD-502396-002
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-502396-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-502307-001 MOLEX11-SD-502307-001 Datasheet
127Kb / 2P
   CTX150 Female Terminal, Tin (Sn), 22 AWG D-Wind, Left Payoff, Grip Code S
SD-502307-001 MOLEX11-SD-502307-001 Datasheet
127Kb / 2P
   CTX150 Female Terminal, Tin (Sn), 18-20 AWG D-Wind, Left Payoff, Grip Code M
SD-502351-001 MOLEX11-SD-502351-001 Datasheet
141Kb / 3P
   2.00mm (.079") Pitch DuraClik Wire-to-Board Receptacle Housing, Single Row, 6 Circuits
SD-502351-001 MOLEX11-SD-502351-001 Datasheet
251Kb / 4P
   2.00mm (.079") Pitch DuraClik Wire-to-Board Receptacle Housing, Single Row, 8 Circuits
SD-502351-001 MOLEX11-SD-502351-001 Datasheet
141Kb / 3P
   2.00mm (.079") Pitch DuraClik Wire-to-Board Receptacle Housing, Single Row, 4 Circuits
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com