Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

93070-1002 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 93070-1002
Description  2.50mm (.098") Pitch Appli-Mate RAST 2.5 Header, Vertical, 5 Circuits, Glow Wire Compatible, with Latch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

93070-1002 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  93070-1002 Datasheet HTML 1Page - Molex Electronics Ltd. 93070-1002 Datasheet HTML 2Page - Molex Electronics Ltd. 93070-1002 Datasheet HTML 3Page - Molex Electronics Ltd. 93070-1002 Datasheet HTML 4Page - Molex Electronics Ltd. 93070-1002 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-93070-001
Sales Drawing
SD-93070-001
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 93070-1002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
93070-1001 MOLEX-93070-1001 Datasheet
434Kb / 2P
   RAST 2.5 Vertical Male Headers 2.50 and 5.00mm
93070-1001 MOLEX11-93070-1001 Datasheet
407Kb / 5P
   2.50mm (.098") Pitch Appli-Mate RAST 2.5 Header
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com