Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-501828-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-501828-001
Description  CMC Wire-to-Wire Connector Male Terminal 1.5, AVSS 1.25-2.0
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-501828-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-501828-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-501828-001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5018280111
Status:
Active
Overview:
cmc_connectors
Description:
CMC Wire-to-Wire Connector Male Terminal 1.5, AVSS 1.25-2.0
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Terminals
Series
501828
Crimp Quality Equipment
Yes
Overview
cmc_connectors
Product Name
CMC
Physical
Durability (mating cycles max)
1,000
Gender
Male
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Reel
Plating min: Mating (µin)
35
Plating min: Mating (µm)
0.88
Plating min: Termination (µin)
35
Plating min: Termination (µm)
0.88
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
2.10-2.70mm (AVSS 1.25-2.0)
Wire Size AWG
N/A
Wire Size mm²
1.50-1.80
Electrical
Current - Maximum per Contact
10A, 16A
Voltage - Maximum
25V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Application Specification
AS-500993-002
Packaging Specification
SPK-501828-001
Product Specification
RPS-500993-001
Sales Drawing
SD-501828-001
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
501828Series
Use With
501820 Plug Housing
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-501828-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-501828-001 MOLEX11-SD-501828-001 Datasheet
88Kb / 2P
   CMC Wire-to-Wire Connector Male Terminal 1.5, AVSS 0.85
SD-501828-001 MOLEX-SD-501828-001 Datasheet
68Kb / 1P
   CMC W/W CONN. MALE TERMINAL 1.5 -LEAD FREE-
05.09.09
More results

Similar Description - SD-501828-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5018280101 MOLEX11-5018280101 Datasheet
88Kb / 2P
   CMC Wire-to-Wire Connector Male Terminal 1.5, AVSS 0.85
5018270101 MOLEX11-5018270101 Datasheet
88Kb / 2P
   CMC Wire-to-Wire Connector Male Terminal 0.64, AVSS 0.3-0.5
0638275800 MOLEX-0638275800 Datasheet
21Kb / 1P
   Hand Crimp Tool for CMC Wire-to-Wire 1.50, Male Terminal, 0.75-1.00mm²
08/25/2022
0639044300 MOLEX-0639044300 Datasheet
32Kb / 1P
   FineAdjust Applicator for 3.30mm Pitch Wire-to-Wire Connector System Male and Female Terminals, 0.30mm² AVSS – 0.50mm² AVSS
08/25/2022
5018303201 MOLEX11-5018303201 Datasheet
145Kb / 3P
   CMC Wire-to-Wire Connector Rec Housing Wire Dress Cover, 32 Circuits
5018263201 MOLEX11-5018263201 Datasheet
83Kb / 2P
   CMC Wire-to-Wire Connector Plug Housing Wire Dress Cover, 32 Circuits
0500588000-12-L8-D MOLEX11-0500588000-12-L8-D Datasheet
49Kb / 1P
   1.25 WIRE TO BOARD CONN. CRIMP REC. TERMINAL
0500798000-06-B8-D MOLEX11-0500798000-06-B8-D Datasheet
82Kb / 2P
   1.25 WIRE TO BOARD CONN. CRIMP REC. TERMINAL
5018203201 MOLEX1-5018203201 Datasheet
56Kb / 2P
   CMC Wire-to-Wire Connector Plug Housing Assembly, 32 Circuits
5018263201 MOLEX1-5018263201_18 Datasheet
36Kb / 1P
   CMC Wire-to-Wire Connector Plug Housing Wire Dress Cover, 32 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com