Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-501331-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-501331-001
Description  1.00mm (.039") Pitch Pico-Clasp Wire-to-Board Header, Surface Mount, Single Row, Vertical, with Friction Lock
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-501331-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-501331-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-501331-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-501331-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-501331-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-501331-001 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5013310207
Status:
Active
Overview:
picoclasp
Description:
1.00mm (.039") Pitch Pico-Clasp™ Wire-to-Board Header, Surface Mount, Single Row,
Vertical, with Friction Lock, 2 Circuits, with Cover Tape, Lead-free
Documents:
3D Model
Product Specification PS-501331-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
501331
Application
Wire-to-Board
Overview
picoclasp
Product Name
Pico-Clasp™
Physical
Breakaway
No
Circuits (Loaded)
2
Color - Resin
Natural
Durability (mating cycles max)
30
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
1
Orientation
Vertical
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.039 In
Pitch - Mating Interface (mm)
1.00 mm
Polarized to Mating Part
Yes
Polarized to PCB
No
Robotic Placement
Vacuum Pick-Up Tape
Stackable
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
50V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-501331-001
Product Specification
PS-501331-001, RPS-501331-001, RPS-501331-002,
RPS-501331-003, RPS-501331-006, RPS-501331-007
Sales Drawing
SD-501331-001, SD-501331-003
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
501331Series
Mates With
501330 Pico-Clasp™ Wire-to-Board Female
Housing
This document was generated on 05/26/2010


Similar Part No. - SD-501331-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-501331-001 MOLEX11-SD-501331-001 Datasheet
233Kb / 5P
   1.00mm (.039") Pitch Pico-Clasp Wire-to-Board Header, Surface Mount, Single Row, Vertical, with Friction
SD-501331-001 MOLEX11-SD-501331-001 Datasheet
233Kb / 5P
   1.00mm (.039") Pitch Pico-Clasp Wire-to-Board Header, Surface Mount, Single Row, Vertical, with Friction Lock
SD-501331-001 MOLEX11-SD-501331-001 Datasheet
233Kb / 5P
   1.00mm (.039") Pitch Pico-Clasp Wire-to-Board Header, Surface Mount, Single Row, Vertical, with Friction Lock, 4 Circuits
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com