Electronic Components Datasheet Search |
|
SD-501645-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
SD-501645-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 3 page This document was generated on 05/26/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 5016452220 Status: Active Overview: igrid Description: 2.00mm (.079") Pitch iGrid™ Wire-to-Board Header, Dual Row, Vertical, with PCB Locator, 22 Circuits, Lead-free Documents: 3D Model Product Specification PS-501646-001 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) General Product Family PCB Headers Series 501645 Application Wire-to-Board MolexKits Yes Overview igrid Product Name iGrid™ Physical Breakaway No Circuits (Loaded) 22 Color - Resin Natural Durability (mating cycles max) 30 Glow-Wire Compliant No Keying to Mating Part Yes Lock to Mating Part Yes Material - Metal Brass Material - Plating Mating Tin Material - Plating Termination Tin Material - Resin Nylon Number of Rows 2 Orientation Vertical PC Tail Length (in) 0.126 In PC Tail Length (mm) 3.20 mm PCB Locator Yes PCB Retention None PCB Thickness Recommended (in) 0.047 In, 0.063 In PCB Thickness Recommended (mm) 1.20 mm, 1.60 mm Packaging Type Tray Pitch - Mating Interface (in) 0.079 In Pitch - Mating Interface (mm) 2.00 mm Polarized to Mating Part Yes Polarized to PCB Yes Stackable No Surface Mount Compatible (SMC) No Temperature Range - Operating -25°C to +85°C Termination Interface: Style Through Hole Electrical Current - Maximum per Contact 2A Voltage - Maximum 250V AC (RMS)/DC Material Info Reference - Drawing Numbers Packaging Specification SPK-501645-001 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 501645Series Mates With 501646 Housing. 501647 Crimp Terminal 22-26 AWG. 501648 Crimp Terminal 26-28 AWG |
Similar Part No. - SD-501645-001 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |