Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-500254-004 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # SD-500254-004
Description  HDMI Receptacle, Right Angle with Screw Flange, SMT Solder Tails and Through Hole Shell Tabs, Use With M3x0.5 Screw
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-500254-004 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  SD-500254-004 Datasheet HTML 1Page - Molex Electronics Ltd. SD-500254-004 Datasheet HTML 2Page - Molex Electronics Ltd. SD-500254-004 Datasheet HTML 3Page - Molex Electronics Ltd. SD-500254-004 Datasheet HTML 4Page - Molex Electronics Ltd. SD-500254-004 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Current - Maximum per Contact
0.5A
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
40V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-500254-001
Product Specification
PS-501194-001, RPS-500254-007, RPS-500254-008
Sales Drawing
SD-500254-004, SD-500254-006
* High Definition Multimedia Interface and HDMI are trademarks of HDMI Licensing, LLC.
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-500254-004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-500254-004 MOLEX11-SD-500254-004 Datasheet
274Kb / 5P
   HDMI Receptacle, Right Angle with Screw Flange, SMT Solder Tails and Through Hole Shell
More results

Similar Description - SD-500254-004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5002541941 MOLEX11-5002541941 Datasheet
274Kb / 5P
   HDMI Receptacle, Right Angle with Screw Flange, SMT Solder Tails and Through Hole Shell
5002541927 MOLEX11-5002541927 Datasheet
237Kb / 5P
   HDMI* Receptacle, Right Angle, SMT Solder Tails and Through Hole Shell Tabs
5022370517 MOLEX1-5022370517 Datasheet
47Kb / 2P
   USB Mini-B Receptacle, Vertical, Through Hole Solder Tails and Shell Tabs with Dimples
5000750517 MOLEX1-5000750517 Datasheet
34Kb / 2P
   Mini USB, B-Receptacle, Vertical, Through Hole Solder Tails and Shell Tabs with Dimples
0565790519 MOLEX1-0565790519_18 Datasheet
36Kb / 2P
   Mini USB, AB-Receptacle, Right-Angle, Through Hole Solder Tails and Shell Tabs,Lead-Free
0548190519 MOLEX1-0548190519_18 Datasheet
40Kb / 2P
   Mini USB, B-Receptacle, Right-Angle, Through Hole Solder Tails and Shell Tabs, Lead-Free
5000751517 MOLEX1-5000751517_18 Datasheet
34Kb / 2P
   Mini USB, B-Receptacle, Vertical, Through Hole Solder Tails and Shell Tabs
0471510002 MOLEX6-0471510002 Datasheet
717Kb / 10P
   0.50mm (.020") Pitch HDMI Receptacle, Right Angle with Screw Flange, Front Solder Tab Length 1.80mm
0471511132 MOLEX6-0471511132 Datasheet
721Kb / 10P
   0.50mm (.020") Pitch HDMI Receptacle, Right Angle with Screw Flange, Front Solder Tab Length 1.45mm
0471511032 MOLEX6-0471511032 Datasheet
721Kb / 10P
   0.50mm (.020") Pitch HDMI Receptacle, Right Angle with Screw Flange, Front Solder Tab Length 1.80mm (.071")
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com