Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0917780007 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0917780007
Description  5.00mm (.197") Appli-Mate RAST 5 IDT Housing, Indirect, Female, 10 Amp, 2 Circuit, Position Keys 1a, 2a, Code
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0917780007 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0917780007 Datasheet HTML 1Page - Molex Electronics Ltd. 0917780007 Datasheet HTML 2Page - Molex Electronics Ltd. 0917780007 Datasheet HTML 3Page - Molex Electronics Ltd. 0917780007 Datasheet HTML 4Page - Molex Electronics Ltd. 0917780007 Datasheet HTML 5Page - Molex Electronics Ltd. 0917780007 Datasheet HTML 6Page - Molex Electronics Ltd. 0917780007 Datasheet HTML 7Page - Molex Electronics Ltd. 0917780007 Datasheet HTML 8Page - Molex Electronics Ltd. 0917780007 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0917780007
Status:
Active
Overview:
rast_5_connector_system
Description:
5.00mm (.197") Appli-Mate RAST 5 IDT Housing, Indirect, Female, 10 Amp, 2 Circuit,
Position Keys 1a, 2a, Code Key 01c, Reference K10
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-99020-0037 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
IDT and Solder Connectors
Series
91778
Crimp Quality Equipment
Yes
Overview
rast_5_connector_system
Product Name
RAST 5
Use With
RAST standard interface
Physical
Circuits (Loaded)
2
Circuits (maximum)
2
Color - Resin
Natural (White)
Durability (mating cycles max)
10
Flammability
94V-2
Gender
Female
Glow-Wire Compliant
Yes
Lock to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
1
Packaging Type
Tray
Panel Mount
No
Pitch - Mating Interface (in)
0.197 In
Pitch - Mating Interface (mm)
5.00 mm
Pitch - Term. Interface (in)
0.197 In
Pitch - Term. Interface (mm)
5.00 mm
Plating min: Mating (µin)
200
Plating min: Mating (µm)
5
Plating min: Termination (µin)
200
Plating min: Termination (µm)
5
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-20C TO +120C
Termination Interface: Style
IDT or Pierce
Wire Size AWG
22, 24
Electrical
Current - Maximum per Contact
10A
Voltage - Maximum
250V AC
Material Info
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
91778Series
Mates With
90858 RAST Vertical Header,
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
RAST 5.0 Semi-
Automatic
Terminator Machine
for Appli-Mate™
Connector 6 and 10
AMP
0623006300


Similar Part No. - 0917780007

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0917780001 MOLEX11-0917780001 Datasheet
756Kb / 9P
   5.00mm (.197") Pitch Appli-Mate RAST 5 IDT Housing, Indirect, Female, 10 Amp, 2 Circuit, Fully Coded
0917780002 MOLEX11-0917780002 Datasheet
757Kb / 9P
   5.00mm (.197") Appli-Mate RAST 5 IDT Housing, Indirect, Female, 10 Amp, 2 Circuit, Position Keys
0917780003 MOLEX11-0917780003 Datasheet
756Kb / 9P
   5.00mm (.197") Appli-Mate RAST 5 IDT Housing, Indirect, Female, 10 Amp, 2 Circuit, Position Keys
0917780004 MOLEX11-0917780004 Datasheet
756Kb / 9P
   5.00mm (.197") Appli-Mate RAST 5 IDT Housing, Indirect, Female, 10 Amp, 2 Circuit, Position Keys
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com