Electronic Components Datasheet Search |
|
SD-501571-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
SD-501571-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 5 page This document was generated on 05/26/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 5015713007 Status: Active Overview: picoclasp Description: 1.00mm (.039") Pitch Pico-Clasp™ Wire-to-Board PCB Header, Dual Row, Right Angle, 30 Circuits, Lead-free Documents: 3D Model Product Specification PS-501571-001 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) General Product Family PCB Headers Series 501571 Application Wire-to-Board Overview picoclasp Product Name Pico-Clasp™ Physical Breakaway No Circuits (Loaded) 30 Circuits (maximum) 30 Color - Resin Natural Durability (mating cycles max) 30 First Mate / Last Break No Glow-Wire Compliant No Guide to Mating Part No Keying to Mating Part None Lock to Mating Part Yes Material - Metal Brass, Phosphor Bronze Material - Plating Mating Gold Material - Plating Termination Gold Material - Resin High Temperature Thermoplastic Number of Rows 2 Orientation Right Angle PC Tail Length (in) 0.000 In PC Tail Length (mm) 0.00 mm PCB Locator No PCB Retention Yes PCB Thickness Recommended (in) 0.000 In PCB Thickness Recommended (mm) 0.00 mm Packaging Type Embossed Tape on Reel Pitch - Mating Interface (in) 0.039 In Pitch - Mating Interface (mm) 1.00 mm Pitch - Term. Interface (in) 0.039 In Pitch - Term. Interface (mm) 1.00 mm Plating min: Mating (µin) 4 Plating min: Mating (µm) 0.1 Plating min: Termination (µin) 4 Plating min: Termination (µm) 0.1 Polarized to Mating Part Yes Polarized to PCB Yes Shrouded Yes Stackable No Surface Mount Compatible (SMC) Yes Temperature Range - Operating -40°C to +85°C Termination Interface: Style Surface Mount Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 501571Series Mates With 501189 Pico-Clasp™ Wire-to-Board Female Housing |
Similar Part No. - SD-501571-001 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |