Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

95043-2881 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 95043-2881
Description  Modular Plug, Short Body, Shielded, 8/8, Cat5
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

95043-2881 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  95043-2881 Datasheet HTML 1Page - Molex Electronics Ltd. 95043-2881 Datasheet HTML 2Page - Molex Electronics Ltd. 95043-2881 Datasheet HTML 3Page - Molex Electronics Ltd. 95043-2881 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Grounding to Panel
N/A
Shielded
Yes
Voltage - Maximum
125V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Application Specification
AS-95043
Packaging Specification
PK-95043
Product Specification
PS-95043
Sales Drawing
SDA-95043
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 95043-2881

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
95043-2891 MOLEX11-95043-2891 Datasheet
196Kb / 4P
   Modular Plug, Short Body, Shielded, 8/8, Black Boot, Cat5
95043-2892 MOLEX11-95043-2892 Datasheet
196Kb / 4P
   Modular Plug, Short Body, Shielded, 8/8, Beige/Gray Boot, Cat5
95043-2893 MOLEX11-95043-2893 Datasheet
196Kb / 4P
   Modular Plug, Short Body, Shielded, 8/8, Green Boot, Cat5
95043-2894 MOLEX11-95043-2894 Datasheet
196Kb / 4P
   Modular Plug, Short Body, Shielded, 8/8, Red Boot, Cat5
95043-2895 MOLEX11-95043-2895 Datasheet
196Kb / 4P
   Modular Plug, Short Body, Shielded, 8/8, Yellow Boot, Cat5
More results

Similar Description - 95043-2881

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0950432891 MOLEX11-0950432891 Datasheet
196Kb / 4P
   Modular Plug, Short Body, Shielded, 8/8, Black Boot, Cat5
0950432895 MOLEX11-0950432895 Datasheet
196Kb / 4P
   Modular Plug, Short Body, Shielded, 8/8, Yellow Boot, Cat5
0950432896 MOLEX11-0950432896 Datasheet
196Kb / 4P
   Modular Plug, Short Body, Shielded, 8/8, Blue Boot, Cat5
0950432894 MOLEX11-0950432894 Datasheet
196Kb / 4P
   Modular Plug, Short Body, Shielded, 8/8, Red Boot, Cat5
0950432893 MOLEX11-0950432893 Datasheet
196Kb / 4P
   Modular Plug, Short Body, Shielded, 8/8, Green Boot, Cat5
0950432892 MOLEX11-0950432892 Datasheet
196Kb / 4P
   Modular Plug, Short Body, Shielded, 8/8, Beige/Gray Boot, Cat5
0950432881 MOLEX1-0950432881_18 Datasheet
33Kb / 2P
   Modular Plug, Cat5e, Short Body, Shielded, 8/8
0950435881 MOLEX11-0950435881 Datasheet
196Kb / 4P
   Modular Plug, Short Body, Shielded, 8/8, Cat5 for 6.00mm (.236") Cable Outside Diameter
0900750139 MOLEX10-0900750139 Datasheet
107Kb / 3P
   Modular Plug, Short Body, 8/8
0900750141 MOLEX10-0900750141 Datasheet
144Kb / 4P
   Modular Plug, Short Body, 8/8
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com