Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

409P401 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 409P401
Description  Mini-Change MPIS, 3 Pole Female, 4 Ports, with 6 Pole Male Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

409P401 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  409P401 Datasheet HTML 1Page - Molex Electronics Ltd. 409P401 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MATERIAL
NUMBER
ENGINEERING
NUMBER
A
B
C
D
E
F
G
H
I
J
A
B
C
D
E
F
G
H
I
J
1
2
3
4
5
6
7
8
9
10
11
12
13
1
2
3
4
5
6
7
8
9
10
11
12
13
1:1
SCALE
SD-130060-003
MOLEX INCORPORATED
SIZE
INCH
----
DESIGN UNITS
DIMENSION STYLE
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX
INCORPORATED AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
SHEET NO.
DOCUMENT NO.
MATERIAL NO.
molex
4PORT 3-POLE FEMALE W/
4PORT SIDE MOUNT MPIS
6P MALE HOME RUN CONN.
APPROVED BY
DATE
CHECKED BY
DATE
DRAWN BY
DATE
TITLE
DRAFT WHERE
APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
ANGULAR ±1/2°
±.020
±.010
±.005
±---
±0.25
±0.13
±---
±---
1 PLACE
2 PLACES
3 PLACES
4 PLACES
INCH
mm
GENERAL TOLERANCES
(UNLESS SPECIFIED)
=
=
THIRD ANGLE
PROJECTION
C
C
A
0
0
SEE CHART


Similar Part No. - 409P401

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
409P801 MOLEX11-409P801 Datasheet
266Kb / 2P
   Mini-Change짰 MPIS, 3 Pole Female, 8 Ports with 10 Pole Male Connector
More results

Similar Description - 409P401

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300600012 MOLEX11-1300600012 Datasheet
248Kb / 2P
   Mini-Change MPIS, 3 Pole Female, 6 Ports with 8 Pole Male Connector
1300600023 MOLEX11-1300600023 Datasheet
230Kb / 2P
   Mini-Change MPIS, 3 Pole Female, 4 Ports, with 7 Pole Male Connector, with LEDs
1300600024 MOLEX11-1300600024 Datasheet
254Kb / 2P
   Mini-Change짰 MPIS, 3 Pole Female, 6 Ports, with 9 Pole Male Connector, with LEDs
1300600017 MOLEX11-1300600017 Datasheet
266Kb / 2P
   Mini-Change짰 MPIS, 3 Pole Female, 8 Ports with 10 Pole Male Connector
1300600026 MOLEX11-1300600026 Datasheet
269Kb / 2P
   Mini-Change MPIS, 3 Pole Female, 8 Ports, with 12 Pole Male Home Run Connector, with LEDs
0845870005 MOLEX-0845870005 Datasheet
53Kb / 1P
   Micro-Change MPIS, 5 Pole, 6 Ports - 5 Female/1 Male, Side Mount, Meets NMEA 2000
1201140014 MOLEX-1201140014 Datasheet
159Kb / 1P
   MICRO-CHANGE MPIS 4 PORT TOP MOUNT NPN MINI 12 POLE MALE
2009/08/27
1300060217 MOLEX2-1300060217 Datasheet
162Kb / 1P
   MINI CHANGE ASSEMBLY 3-POLE FEMALE ST
1300060422 MOLEX2-1300060422 Datasheet
130Kb / 1P
   MINI CHANGE ASSEMBLY 3-POLE FEMALE 90D
1300170011 MOLEX2-1300170011 Datasheet
109Kb / 1P
   MINI CHANGE ATTACHABLE 3-POLE MALE ST
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com