Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4030 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC4030
Description  900V/50mA Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4030 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC4030 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4030 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4030 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4030 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC4030
No.2477–3/4


Similar Part No. - 2SC4030

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4031 SANYO-2SC4031 Datasheet
87Kb / 3P
   900V/20mA Switching Applications
logo
Rohm
2SC4032 ROHM-2SC4032 Datasheet
217Kb / 3P
   High Gain Amp. & Switching Epitaxial Planar NPN Silicon Darlington Transistors
2SC4036 ROHM-2SC4036 Datasheet
207Kb / 3P
   High Voltage Amp. Triple Diffused Planar NPN Silicon Transistors
2SC4037 ROHM-2SC4037 Datasheet
311Kb / 4P
   Medium Power Amp. Epitaxial Planar NPN Silicon Transistors
2SC4038 ROHM-2SC4038 Datasheet
309Kb / 4P
   General Small Signal Amp. Epitaxial Planar NPN Silicon Transistors
More results

Similar Description - 2SC4030

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4578 SANYO-2SC4578 Datasheet
89Kb / 3P
   NPN Triple Diffused(for 900V/50mA Switching)
2SC4031 SANYO-2SC4031 Datasheet
87Kb / 3P
   900V/20mA Switching Applications
2SC4579 SANYO-2SC4579 Datasheet
89Kb / 3P
   900V/20mA Switching Applications
2SC4630LS SANYO-2SC4630LS Datasheet
27Kb / 3P
   900V/100mA High-Voltage Amplifier,High-Voltage Switching Applications
2SC3675 SANYO-2SC3675 Datasheet
97Kb / 3P
   900V/100mA High-Voltage Amplifier High-Voltage Switching Applications
2SC4631LS SANYO-2SC4631LS Datasheet
28Kb / 3P
   900V/300mA High-Voltage Amplifier,High-Voltage Switching Applications
logo
Monolithic Power System...
MP110 MPS-MP110 Datasheet
2Mb / 23P
   900V Offline Switching Regulator
HF900 MPS-HF900 Datasheet
790Kb / 25P
   900V Offline Switching Regulator
logo
Unisonic Technologies
2SC4774 UTC-2SC4774 Datasheet
98Kb / 4P
   HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING (6V, 50mA)
logo
Rohm
2SC4774 ROHM-2SC4774_09 Datasheet
162Kb / 3P
   High frequency amplifier transistor, RF switching (6V, 50mA)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com