Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC44602 Datasheet(PDF) 9 Page - Motorola, Inc

Part # MC44602
Description  HIGH PERFORMANCE CURRENT MODE CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC44602 Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MC44602 Datasheet HTML 5Page - Motorola, Inc MC44602 Datasheet HTML 6Page - Motorola, Inc MC44602 Datasheet HTML 7Page - Motorola, Inc MC44602 Datasheet HTML 8Page - Motorola, Inc MC44602 Datasheet HTML 9Page - Motorola, Inc MC44602 Datasheet HTML 10Page - Motorola, Inc MC44602 Datasheet HTML 11Page - Motorola, Inc MC44602 Datasheet HTML 12Page - Motorola, Inc MC44602 Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
MC44602
9
MOTOROLA ANALOG IC DEVICE DATA
Figure 27. Representative Block Diagram
Startup Without Foldback
Figure 28. Timing Diagram
Capacitor CT
2.8V
1.2V
0V
PWM Latch
“Set” Input
Toggle Flip Flop
Q Output
Current Sense
Input
C
VClamp*
C
NC
NC
NC
NC
C
C
C
NC
PWM Latch
“Set” Input
Source Output
Load Detect
Input
2.5V
85mV
0V
Demag Output
Fault Latch Q
Sync Input
2.5V
0V
Startup With Foldback
Normal Operation
Output Overload
*C = Comparison of Current Sense Input With VClamp
NC = No Comparison of Current Sense Input With VClamp
+
Vref
16
7
8
1
3
Sync Input
RT
CT
Compensation
Voltage Feedback
Input
R1
R2
2.5V
R
R
Internal
Bias
3.6V
+
Reference
Regulator
Reference
UVLO
VCC
UVLO
14V
20V
15
VCC
VCC
Demag
Comparator
85mV
Valid Load
Comparator
2.5V
Fault Latch
R
S
Q
10k
Oscillator
1.0 mA
2.5V
Error
Amplifier
2R
R
2.5V
Foldback
Amplifier
1.0V
Gnd
9
Sink Only
Positive True Logic
Current Sense
Comparator
PWM
Latch
Thermal
R
S
Q
R
TQ
18k
Load
Detect
Input
2
14
11
10
6
VC
Source Output
Sink Output
Sink Ground
4, 5, 12, 13
Current Sense Input
Substrate
Vin
Vout
Q1
RS
=
+
CO
I


Similar Part No. - MC44602

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC44602 ONSEMI-MC44602 Datasheet
332Kb / 18P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
1996 REV 0
More results

Similar Description - MC44602

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PJ3842 ETC-PJ3842 Datasheet
375Kb / 15P
   High Performance Current Mode Controller
logo
Taiwan Semiconductor Co...
TS3842B TSC-TS3842B Datasheet
402Kb / 20P
   High Performance Current Mode Controller
logo
Unisonic Technologies
UC3842G UTC-UC3842G_17 Datasheet
208Kb / 7P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
E-Tech Electronics LTD
UC3842G ETL-UC3842G Datasheet
236Kb / 8P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
List of Unclassifed Man...
TS3842B ETC-TS3842B Datasheet
521Kb / 20P
   High Performance Current Mode Controller
logo
ON Semiconductor
MC44602 ONSEMI-MC44602 Datasheet
332Kb / 18P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
1996 REV 0
logo
List of Unclassifed Man...
PJ3843B ETC1-PJ3843B Datasheet
845Kb / 14P
   High Performance Current Mode Controller
logo
Unisonic Technologies
UC3842G UTC-UC3842G_12 Datasheet
236Kb / 8P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
First Components Intern...
UC3842A FCI-UC3842A Datasheet
262Kb / 6P
   High Performance Current Mode Controller
UC3843A FCI-UC3843A Datasheet
263Kb / 6P
   High Performance Current Mode Controller
UC3844A FCI-UC3844A Datasheet
254Kb / 6P
   High Performance Current Mode Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com