Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC44602 Datasheet(PDF) 5 Page - Motorola, Inc

Part No. MC44602
Description  HIGH PERFORMANCE CURRENT MODE CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC44602 Datasheet(HTML) 5 Page - Motorola, Inc

  MC44602 Datasheet HTML 1Page - Motorola, Inc MC44602 Datasheet HTML 2Page - Motorola, Inc MC44602 Datasheet HTML 3Page - Motorola, Inc MC44602 Datasheet HTML 4Page - Motorola, Inc MC44602 Datasheet HTML 5Page - Motorola, Inc MC44602 Datasheet HTML 6Page - Motorola, Inc MC44602 Datasheet HTML 7Page - Motorola, Inc MC44602 Datasheet HTML 8Page - Motorola, Inc MC44602 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MC44602
5
MOTOROLA ANALOG IC DEVICE DATA
Figure 3. Oscillator Discharge Current
versus Temperature
–55
TA, AMBIENT TEMPERATURE (°C)
–25
0
25
50
75
100
125
12
VCC = 12 V
VOSC = 3.0 V
Figure 4. Oscillator Voltage Swing
versus Temperature
–20
10 M
0.1 k
f, FREQUENCY (Hz)
Gain
Phase
0
30
60
90
120
150
180
1.0 k
10 k
100 k
1.0 M
0
20
40
60
80
100
Figure 5. Error Amp Small Signal
Transient Response
0
VO, ERROR AMP OUTPUT VOLTAGE (V)
0
0.2
0.4
0.6
0.8
1.0
1.2
2.0
4.0
6.0
VCC = 12 V
TA = 25°C
TA = 125°C
TA = –40°C
Figure 6. Error Amp Large Signal
Transient Response
Figure 7. Error Amp Open Loop Gain and
Phase versus Frequency
Figure 8. Current Sense Input Threshold versus
Error Amp Output Voltage
5.0
4.0
3.0
2.0
1.0
0
–55
TA, AMBIENT TEMPERATURE (°C)
–25
0
25
50
75
100
125
VCC = 12 V
RT = 10 k
CT = 1.0 nF
Peak Voltage
Valley Voltage
1.0
3.0
5.0
7.0
11
10
9.0
8.0
7.0
VCC = 12 V
VO = 2.0 V to 4.0 V
RL = 100 k
TA = 25°C
2.55 V
2.5 V
2.45 V
3.0 V
2.5 V
2.0 V
t, TIME (0.5
µs/DIV)
t, TIME (1.0
µs/DIV)
VCC = 12 V
AV = –1.0
TA = 25°C
VCC = 12 V
AV = –1.0
TA = 25°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn