Electronic Components Datasheet Search |
|
SD-501568-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
SD-501568-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 6 page This document was generated on 05/26/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 5015680507 Status: Active Overview: picoclasp Description: 1.00mm (.039") Pitch Pico-Clasp™ Wire-to-Board Header, Surface Mount, Single Row, Right Angle, with Friction Lock, 5 Circuits, Lead-free Documents: 3D Model Product Specification PS-501568-001 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) General Product Family PCB Headers Series 501568 Application Wire-to-Board Overview picoclasp Product Name Pico-Clasp™ Physical Breakaway No Circuits (Loaded) 5 Color - Resin Natural Durability (mating cycles max) 30 Glow-Wire Compliant No Lock to Mating Part Yes Material - Metal Brass, Phosphor Bronze Material - Plating Mating Tin Material - Plating Termination Tin Material - Resin Nylon Number of Rows 1 Orientation Right Angle PCB Locator No PCB Retention Yes Packaging Type Embossed Tape on Reel Pitch - Mating Interface (in) 0.039 In Pitch - Mating Interface (mm) 1.00 mm Polarized to Mating Part Yes Polarized to PCB No Stackable No Temperature Range - Operating -40°C to +85°C Termination Interface: Style Surface Mount Electrical Current - Maximum per Contact 1A Voltage - Maximum 50V AC (RMS)/DC Material Info Reference - Drawing Numbers Packaging Specification SPK-501568-001 Product Specification PS-501568-001, RPS-501331-001, RPS-501568-001, RPS-501568-003, RPS-501568-004, RPS-501568-005 Sales Drawing SD-501568-001, SD-501568-005 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 501568Series Mates With 501330 Pico-Clasp™ Wire-to-Board Female Housing This document was generated on 05/26/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Similar Part No. - SD-501568-001 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |