Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1200835152 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 1200835152
Description  Micro-Change (M12) Single-Ended Cordset, Male - Pigtail, Straight, 8 Poles, Length 10.0m (32.81 ), Black
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX11 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

1200835152 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1200835152
Status:
Active
Overview:
ultralock_connection_system
Description:
Micro-Change® (M12) Single-Ended Cordset, Male - Pigtail, Straight, 8 Poles, Length
10.0m (32.81' ), Black
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Industrial Cordsets
Series
120083
Connector End A
Ultra-Lock® (M12)
Connector End B
Pigtail
IP Rating
IP69K
Overview
ultralock_connection_system
Product Name
Ultra-Lock® (M12)
Type
Single Ended
Physical
Cable Diameter
6.60mm (.260")
Cable Length
10.0m (32.81' )
Color - Cable Jacket
Black
Coupling Style
Push to Lock
Gender
Male-Pigtail
Keyway
None
LED Indicator
No
Material - Cable Jacket
PUR
Material - Connector Body
PUR
Material - Contact
Brass
Material - Coupling Nut
Nickel-plated Brass
Material - O-Ring
Viton
Material - Plating Mating
Gold over Nickel
Orientation
Straight
Poles
8
Temperature Range - Operating
-25°C to +90°C
Wire Size AWG
24
Wire/Cable Type
UL 20327
Electrical
Current - Maximum per Contact
4A
Voltage - Maximum
30V AC/DC
Material Info
Old Part Number
W08S06P19M100G
Reference - Drawing Numbers
Sales Drawing
SD-120083-022
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
120083Series
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn