Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1120000005 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1120000005
Description  applicom PCU2000ETH Ethernet TCP/IP 10/100 Mbps card, PCI 3.3/ 5V bus, RoHS compliant
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1120000005 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1120000005 Datasheet HTML 1Page - Molex Electronics Ltd. 1120000005 Datasheet HTML 2Page - Molex Electronics Ltd. 1120000005 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1120000005
Status:
Active
Description:
applicom® PCU2000ETH Ethernet TCP/IP 10/100 Mbps card, PCI 3.3/ 5V bus, RoHS
compliant
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Network Interface
Series
112000
Approvals
CE
Communication Speed
Ethernet: 10/100 Mbps
Mounting Style
N/A
Product Name
applicom®
Protocol
N/A
Type
PC Card
Physical
Channels
1
Interface
Ethernet
Network Connection Type
Ethernet: RJ45
Packaging Type
Carton
Processor
AMD SC520
Temperature Range - Operating
0°C to +65°C
Electrical
Current - Maximum Input
5.5W
EMC
EN 55022 Class B, EN 61000-3-2, EN 61000-3-3, EN
61000-6-2
Supply Voltage
N/A
Material Info
Old Part Number
APP-ETH-PCU-C
Reference - Drawing Numbers
Sales Drawing
E-112000-0001
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
112000Series
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1120000005

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1120000001 MOLEX11-1120000001 Datasheet
896Kb / 3P
   applicom PCU2000ETH Combo Ethernet 10/100 Mbps Profibus 1.5 MB card, PCI 3.3/ 5V bus, RoHS compliant
1120000003 MOLEX11-1120000003 Datasheet
896Kb / 3P
   applicom짰 PCU2000ETH Combo Ethernet 10/100 Mbps Serial RS485/422 card
More results

Similar Description - 1120000005

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1120000001 MOLEX11-1120000001 Datasheet
896Kb / 3P
   applicom PCU2000ETH Combo Ethernet 10/100 Mbps Profibus 1.5 MB card, PCI 3.3/ 5V bus, RoHS compliant
1120005026 MOLEX11-1120005026 Datasheet
562Kb / 3P
   applicom PCIE2000ETH Ethernet TCP/IP 10/100 Mbps card, PCI Express 1x bus, RoHS compliant
1120005027 MOLEX11-1120005027 Datasheet
562Kb / 3P
   applicom PCIE2000ETH Combo Ethernet 10/100 Mbps Serial RS485/422 card, PCI Express 1x bus
1120005028 MOLEX11-1120005028 Datasheet
562Kb / 3P
   applicom PCIE2000ETH Combo Ethernet 10/100 Mbps Profibus 1.5 MB card, PCI Express
1120205017 MOLEX11-1120205017 Datasheet
1,004Kb / 6P
   applicom PCU1000, 1 Serial RS485/RS422 port, PCI 3.3V/5V bus (PCI-X compatible), RoHS compliant
1120000003 MOLEX11-1120000003 Datasheet
896Kb / 3P
   applicom짰 PCU2000ETH Combo Ethernet 10/100 Mbps Serial RS485/422 card
logo
Schneider Electric
TPRBCEIP SCHNEIDER-TPRBCEIP Datasheet
115Kb / 3P
   Bus coupler, TeSys island, Ethernet switch (EtherNet IP / Modbus TCP)
May 9, 2022
logo
Advanced Micro Devices
AM79C976 AMD-AM79C976 Datasheet
2Mb / 309P
   PCnet-PRO??10/100 Mbps PCI Ethernet Controller
logo
List of Unclassifed Man...
140NOE77101 ETC2-140NOE77101 Datasheet
74Kb / 3P
   Ethernet network TCP/IP module
logo
Schneider Electric
VW3A3616 SCHNEIDER-VW3A3616 Datasheet
89Kb / 2P
   Ethernet TCP/IP communication module
Aug 11, 2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com