Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

94509-1103 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 94509-1103
Description  FORK TERM FOR 0.35 TO 0.50 mm짼 wire, (20-22AWG), Tab Size: 2.10mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

94509-1103 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  94509-1103 Datasheet HTML 1Page - Molex Electronics Ltd. 94509-1103 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0945091103
Status:
Active
Description:
FORK TERM FOR 0.35 TO 0.50 mm² wire, (20-22AWG), Tab Size: 2.10mm
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-94509-002 (PDF)
General
Product Family
Crimp Terminals
Series
94509
Crimp Quality Equipment
Yes
Product Name
Fork Terminal
Physical
Durability (mating cycles max)
20
Gender
Female
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Reel
Plating min: Mating (µin)
120.00
Plating min: Mating (µm)
3.000
Plating min: Termination (µin)
120.00
Plating min: Termination (µm)
3.00
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
1.50-1.70mm(.059"-.067")
Wire Size AWG
20, 22
Wire Size mm²
0.35 T0 0.50
Electrical
Current - Maximum per Contact
3A, 6A
Voltage - Maximum
50V
Material Info
Reference - Drawing Numbers
Product Specification
PS-94509-002
Sales Drawing
SD-94509-008
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
94509Series
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 94509-1103

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
94509-1203 MOLEX11-94509-1203 Datasheet
87Kb / 2P
   FORK TERM FOR 0.75 TO 1.0 mm짼 wire, (20-22AWG), Tab Size: 2.10mm
More results

Similar Description - 94509-1103

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0945090103 MOLEX11-0945090103 Datasheet
91Kb / 2P
   FORK TERM FOR 0.35 TO 0.50 mm짼 wire, (20-22AWG), Tab Size: 0.8mm
0945091203 MOLEX11-0945091203 Datasheet
87Kb / 2P
   FORK TERM FOR 0.75 TO 1.0 mm짼 wire, (20-22AWG), Tab Size: 2.10mm
0945090203 MOLEX11-0945090203 Datasheet
91Kb / 2P
   FORK TERM FOR 0.75 TO 1.00 mm짼 wire, (20-22AWG), Tab Size: 0.8mm
0945101103 MOLEX11-0945101103 Datasheet
81Kb / 2P
   Fork Terminal for 0.35-0.50mm짼 (20-22 AWG) wire
0945100103 MOLEX11-0945100103 Datasheet
93Kb / 2P
   Fork Terminal for 0.35-0.50mm짼 (20-22 AWG) wire
logo
CnC Tech, LLC
54025-2022 CNC-54025-2022 Datasheet
98Kb / 1P
   Wire To Board Housing Terminal, 2.5mm, 20-22AWG, Front Lock
17-nov-2020
logo
Molex Electronics Ltd.
0940304071 MOLEX11-0940304071 Datasheet
93Kb / 2P
   Quick Disconnect, Male, for 0.50-1.00mm짼 (18-20 AWG) wire
0940303891 MOLEX11-0940303891 Datasheet
86Kb / 3P
   Quick Disconnect, Female, for 0.50-1.00mm짼 (18-20 AWG) wire, Accepts 6.35mm (.250") x 0.81mm (.032") Tab
0940303890 MOLEX11-0940303890 Datasheet
85Kb / 3P
   Quick Disconnect, Female, for 0.50-1.00mm짼 (18-20 AWG) wire, Accepts 6.35mm (.250") x 0.81mm (.032") Tab
0940304031 MOLEX11-0940304031 Datasheet
81Kb / 2P
   Quick Disconnect, Female, for 0.50-1.00mm짼 (18-20 AWG) wire, Accepts 4.75mm (.187") x 0.81mm (.032") Tab
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com