Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-104441-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-104441-001
Description  .110 P-Lock Flag Terminal, Tin
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-104441-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-104441-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-104441-001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1044419702
Status:
Active
Description:
.110 P-Lock Flag Terminal, Tin
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-104441-001 (PDF)
General
Product Family
Crimp Terminals
Series
104441
Crimp Quality Equipment
Yes
Product Name
MP-Lock™
Physical
Durability (mating cycles max)
10
Gender
Female
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Reel
Plating min: Mating (µin)
32.00
Plating min: Mating (µm)
0.800
Plating min: Termination (µin)
32.00
Plating min: Termination (µm)
0.80
Wire Insulation Diameter
N/A
Wire Size AWG
24
Wire Size mm²
N/A
Electrical
Current - Maximum per Contact
2.5A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-104441-001
Product Specification
PS-104441-001
Sales Drawing
SD-104441-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
104441Series
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-104441-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-104440-001 MOLEX11-SD-104440-001 Datasheet
96Kb / 3P
   2.00mm (.079") Pitch Crimp Terminal, Female, 24-30 AWG, Reel
SD-104442-001 MOLEX11-SD-104442-001 Datasheet
108Kb / 2P
   205 P-Lock Flag Terminal, Tin
More results

Similar Description - SD-104441-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1044429702 MOLEX11-1044429702 Datasheet
108Kb / 2P
   205 P-Lock Flag Terminal, Tin
0638256700 MOLEX11-0638256700 Datasheet
32Kb / 1P
   Hand Tool for P-Lock Flag Female Terminal
ATS-638256600 MOLEX-ATS-638256600 Datasheet
464Kb / 8P
   Tool Kit for P-Lock Flag Female Terminal
01-27-13
63825-6600 MOLEX-63825-6600 Datasheet
464Kb / 8P
   Tool Kit for P-Lock Flag Female Terminal
01-27-13
63825-6700 MOLEX-63825-6700 Datasheet
462Kb / 8P
   Tool Kit for P-Lock Flag Female Terminal
03-19-13
0638256600 MOLEX11-0638256600 Datasheet
32Kb / 1P
   Tool Kit for P-Lock Flag Female Terminal
ATS-6382567HM MOLEX-ATS-6382567HM Datasheet
462Kb / 8P
   Tool Kit for P-Lock Flag Female Terminal
03-19-13
0498389102 MOLEX6-0498389102 Datasheet
109Kb / 2P
   6.35mm (.250") MP-Lock Flag Terminal, 14-18 AWG, Pre Tin Plated
logo
Tyco Electronics
61971-1 MACOM-61971-1 Datasheet
50Kb / 1P
   RECEPTACLE, FASTON, FLAG, 110 SERIES
321201 MACOM-321201 Datasheet
41Kb / 1P
   TERMINAL, RING TGONGUE, FLAG, SOLISTRAND
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com