Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-501896-001 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # SD-501896-001
Description  0.50mm (.020") Pitch Easy-On FFC/FPC Connector, 1.30mm (.051") Height, Right Angle, SMT, ZIF, Bottom
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-501896-001 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  SD-501896-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-501896-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-501896-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-501896-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-501896-001 Datasheet HTML 5Page - Molex Electronics Ltd. SD-501896-001 Datasheet HTML 6Page - Molex Electronics Ltd. SD-501896-001 Datasheet HTML 7Page - Molex Electronics Ltd. SD-501896-001 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Material Info
Reference - Drawing Numbers
Product Specification
PS-501896-001, PS-501896-002
Sales Drawing
SD-501896-001, SD-501896-002
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-501896-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-501826-001 MOLEX11-SD-501826-001 Datasheet
83Kb / 2P
   CMC Wire-to-Wire Connector Plug Housing Wire Dress Cover, 32 Circuits
SD-501827-001 MOLEX11-SD-501827-001 Datasheet
88Kb / 2P
   CMC Wire-to-Wire Connector Male Terminal 0.64, AVSS 0.3-0.5
SD-501827-001 MOLEX-SD-501827-001 Datasheet
63Kb / 1P
   CMC W/W CONN. MALE TERMINAL 0.64 -LEAD FREE-
05.09.09
SD-501828-001 MOLEX11-SD-501828-001 Datasheet
88Kb / 2P
   CMC Wire-to-Wire Connector Male Terminal 1.5, AVSS 0.85
SD-501828-001 MOLEX11-SD-501828-001 Datasheet
99Kb / 2P
   CMC Wire-to-Wire Connector Male Terminal 1.5, AVSS 1.25-2.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com