Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-112095-5021 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-112095-5021
Description  BradControl Class 60mm 8 Port IO module, 8 Inputs, 8 Outputs PNP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-112095-5021 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-112095-5021 Datasheet HTML 1Page - Molex Electronics Ltd. SD-112095-5021 Datasheet HTML 2Page - Molex Electronics Ltd. SD-112095-5021 Datasheet HTML 3Page - Molex Electronics Ltd. SD-112095-5021 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1120955028
Status:
Active
Overview:
profibus_solutions
Description:
BradControl™ Class 60mm 8 Port IO module, 8 Inputs, 8 Outputs PNP
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E200650
General
Product Family
Industrial I/O Modules
Series
112095
IP Rating
IP67
Overview
profibus_solutions
Product Name
Profibus*
Protocol
N/A
Style
Classic
Physical
Bus Input
5-pole Micro-Change® (M12)
Bus Output
5-pole Micro-Change® (M12)
Housing Width
60.00mm (2.362")
I/O Connector
5-pole Micro-Change® (M12)
I/O Signal Mix
8 input / 8 output
Ports
8
Power Input
5-pole Micro-Change® (M12)
Power Output
5-pole Micro-Change® (M12)
Temperature Range - Operating
-20°C to +70°C
Vibration
MIL-STD-2020F
Electrical
Current - Maximum per Contact
8A per module
Input Delay
2.5ms
Input Device Supply
200 mA per port at 25°C
Input Type
PNP or Dry Contact
Material Info
Old Part Number
TCDEM-888P-DYU
Reference - Drawing Numbers
Sales Drawing
SD-112095-5021, SD-112095-5028
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
112095Series
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-112095-5021

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-112095-5021 MOLEX11-SD-112095-5021 Datasheet
437Kb / 4P
   BradControl Class 60mm 8 Port IO module, 12 Inputs, 4 Outputs PNP
SD-112095-5021 MOLEX11-SD-112095-5021 Datasheet
437Kb / 4P
   BradControl Class 60mm 8 Port IO module, 14 Inputs, 2 Outputs PNP
More results

Similar Description - SD-112095-5021

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1120955010 MOLEX11-1120955010 Datasheet
977Kb / 4P
   BradControl Class 60mm 8 Port IO module, 8 Inputs, 8 Outputs PNP
1120955006 MOLEX11-1120955006 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 8 Inputs, 8 Outputs NPN
1120955007 MOLEX11-1120955007 Datasheet
966Kb / 4P
   BradControl Class 60mm 8 Port IO module, 16 Inputs PNP
1120955026 MOLEX11-1120955026 Datasheet
437Kb / 4P
   BradControl Class 60mm 8 Port IO module, 14 Inputs, 2 Outputs PNP
1120955027 MOLEX11-1120955027 Datasheet
437Kb / 4P
   BradControl Class 60mm 8 Port IO module, 12 Inputs, 4 Outputs PNP
1120955009 MOLEX11-1120955009 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 12 Inputs, 4 Outputs PNP
1120955008 MOLEX11-1120955008 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 14 Inputs, 2 Outputs PNP
1120955005 MOLEX11-1120955005 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 12 Inputs, 4 Outputs NPN
1120955004 MOLEX11-1120955004 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 14 Inputs, 2 Outputs NPN
1120955023 MOLEX11-1120955023 Datasheet
437Kb / 4P
   BradControl??Class 60mm 8 Port IO module, 12 Inputs, 4 Outputs NPN
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com