Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-501330-002 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-501330-002
Description  1.00mm (.039") Pitch Pico-Clasp Wire-to-Board Female Housing, Single Row, with Positive
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-501330-002 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-501330-002 Datasheet HTML 1Page - Molex Electronics Ltd. SD-501330-002 Datasheet HTML 2Page - Molex Electronics Ltd. SD-501330-002 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5013301400
Status:
Active
Overview:
picoclasp
Description:
1.00mm (.039") Pitch Pico-Clasp™ Wire-to-Board Female Housing, Single Row, with
Positive Lock, 14 Circuits
Documents:
3D Model
Product Specification PS-501568-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-501331-001 (PDF)
General
Product Family
Crimp Housings
Series
501330
Overview
picoclasp
Product Name
Pico-Clasp™
Physical
Circuits (maximum)
14
Color - Resin
White
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
Nylon
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.039 In
Pitch - Mating Interface (mm)
1.00 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +85°C
Electrical
Current - Maximum per Contact
1A
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-501330-001
Product Specification
PS-501331-001, PS-501568-001, RPS-501331-001,
RPS-501331-002, RPS-501331-003, RPS-501331-005,
RPS-501331-006, RPS-501331-007, RPS-501568-003,
RPS-501568-004, RPS-501568-005, RPS-501940-001
Sales Drawing
SD-501330-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
501330Series
Mates With
501331 PCB Hearder . 501568 PCB Header
Use With
501334 Crimp Terminal
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-501330-002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-501330-002 MOLEX11-SD-501330-002 Datasheet
204Kb / 3P
   1.00mm (.039") Pitch Pico-Clasp Wire-to-Board Female Housing, Single Row, with Positive Lock, 6 Circuits
SD-501330-002 MOLEX11-SD-501330-002 Datasheet
204Kb / 3P
   1.00mm (.039") Pitch Pico-Clasp Wire-to-Board Female Housing, Single Row, with Positive Lock, 7 Circuits
SD-501330-002 MOLEX11-SD-501330-002 Datasheet
204Kb / 3P
   1.00mm (.039") Pitch Pico-Clasp Wire-to-Board Female Housing, Single Row, with Positive Lock, 15 Circuits
SD-501330-002 MOLEX11-SD-501330-002 Datasheet
204Kb / 3P
   1.00mm (.039") Pitch Pico-Clasp Wire-to-Board Female Housing, Single Row, with Positive Lock, 9 Circuits
SD-501330-002 MOLEX11-SD-501330-002 Datasheet
204Kb / 3P
   1.00mm (.039") Pitch Pico-Clasp Wire-to-Board Female Housing, Single Row, with Positive Lock, 12 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com