Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5018270101 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 5018270101
Description  CMC Wire-to-Wire Connector Male Terminal 0.64, AVSS 0.3-0.5
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

5018270101 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  5018270101 Datasheet HTML 1Page - Molex Electronics Ltd. 5018270101 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5018270101
Status:
Active
Overview:
cmc_connectors
Description:
CMC Wire-to-Wire Connector Male Terminal 0.64, AVSS 0.3-0.5
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Terminals
Series
501827
Crimp Quality Equipment
Yes
Overview
cmc_connectors
Product Name
CMC
Physical
Durability (mating cycles max)
1,000
Gender
Male
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Reel
Plating min: Mating (µin)
35
Plating min: Mating (µm)
0.88
Plating min: Termination (µin)
35
Plating min: Termination (µm)
0.88
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
1.40-1.7mm (AVSS 0.3-0.5)
Wire Size AWG
N/A
Wire Size mm²
0.80-1.00
Electrical
Current - Maximum per Contact
3A, 5A
Voltage - Maximum
25V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Application Specification
AS-500993-002
Packaging Specification
SPK-501827-001
Product Specification
RPS-500993-001
Sales Drawing
SD-501827-001
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
501827Series
Use With
501820 Plug Housing
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 5018270101

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5018270101 MOLEX-5018270101 Datasheet
63Kb / 1P
   CMC W/W CONN. MALE TERMINAL 0.64 -LEAD FREE-
05.09.09
More results

Similar Description - 5018270101

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5018280101 MOLEX11-5018280101 Datasheet
88Kb / 2P
   CMC Wire-to-Wire Connector Male Terminal 1.5, AVSS 0.85
5018280111 MOLEX11-5018280111 Datasheet
99Kb / 2P
   CMC Wire-to-Wire Connector Male Terminal 1.5, AVSS 1.25-2.0
SD-501827-001 MOLEX-SD-501827-001 Datasheet
63Kb / 1P
   CMC W/W CONN. MALE TERMINAL 0.64 -LEAD FREE-
05.09.09
0521170243 MOLEX7-0521170243 Datasheet
107Kb / 2P
   2.50mm (.098") Pitch Splash Proof Wire-to-Wire Receptacle Housing for AVSS 0.3, 2Circuits
0638275800 MOLEX-0638275800 Datasheet
21Kb / 1P
   Hand Crimp Tool for CMC Wire-to-Wire 1.50, Male Terminal, 0.75-1.00mm²
08/25/2022
0521170243 MOLEX1-0521170243_17 Datasheet
31Kb / 2P
   Mizu-P25 5.00mm Pitch Waterproof Wire-to-Wire Receptacle Housing for AVSS 0.3, 2 Circuits
08-52-1201 MOLEX11-08-52-1201 Datasheet
122Kb / 8P
   TERMINAL PIN 0.64 / .025 SQ. WIRE
0639044300 MOLEX-0639044300 Datasheet
32Kb / 1P
   FineAdjust Applicator for 3.30mm Pitch Wire-to-Wire Connector System Male and Female Terminals, 0.30mm² AVSS – 0.50mm² AVSS
08/25/2022
0521160243 MOLEX7-0521160243 Datasheet
99Kb / 2P
   2.50mm (.098") Pitch Splash Proof Wire-to-Wire Plug Housing for AVSS 0.3, 2 Circuits
0521160243 MOLEX1-0521160243_17 Datasheet
35Kb / 2P
   Mizu-P25 5.00mm Pitch Waterproof Wire-to-Wire Plug Housing for AVSS 0.3, 2 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com