Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

409P801 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 409P801
Description  Mini-Change짰 MPIS, 3 Pole Female, 8 Ports with 10 Pole Male Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

409P801 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  409P801 Datasheet HTML 1Page - Molex Electronics Ltd. 409P801 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1300600017
Status:
Active
Overview:
minichange_products
Description:
Mini-Change® MPIS, 3 Pole Female, 8 Ports with 10 Pole Male Connector
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR6837
General
Product Family
Passive Distribution Boxes
Series
130060
IP Rating
IP67
NEMA Rating
NEMA 6
Overview
minichange_products
Product Name
Mini-Change®
Physical
Bus I/O
Mini-Change®
Cable Connector Orientation
Straight
Cable Length
N/A
Home Run Cable Length
N/A
Home Run Connector
Mini-Change® - 10 pole
Home Run Interface
N/A
Keyway
Single
LED Indicator
No
Material - Cable Jacket
N/A
Material - Housing
PBT
Material - Metal
Copper Alloy
Material - Plating Mating
Gold over Nickel
Orientation
Side Mount
Poles
3
Poles (wired)
3
Ports
8
Temperature Range - Operating
-25°C to +90°C
Wiring Configuration
Single I/O per Port
Electrical
Current - Maximum per Contact
7A
Functional Wiring
Parallel
Voltage - Maximum
600V AC/DC
Material Info
Old Part Number
409P801
Reference - Drawing Numbers
Sales Drawing
SD-130060-004
Series
image - Reference only
EU RoHS
China RoHS
Not RoHS Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130060Series
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 409P801

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
409P401 MOLEX11-409P401 Datasheet
225Kb / 2P
   Mini-Change MPIS, 3 Pole Female, 4 Ports, with 6 Pole Male Connector
More results

Similar Description - 409P801

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300600024 MOLEX11-1300600024 Datasheet
254Kb / 2P
   Mini-Change짰 MPIS, 3 Pole Female, 6 Ports, with 9 Pole Male Connector, with LEDs
1300600012 MOLEX11-1300600012 Datasheet
248Kb / 2P
   Mini-Change MPIS, 3 Pole Female, 6 Ports with 8 Pole Male Connector
1300600001 MOLEX11-1300600001 Datasheet
225Kb / 2P
   Mini-Change MPIS, 3 Pole Female, 4 Ports, with 6 Pole Male Connector
1300600026 MOLEX11-1300600026 Datasheet
269Kb / 2P
   Mini-Change MPIS, 3 Pole Female, 8 Ports, with 12 Pole Male Home Run Connector, with LEDs
1300600023 MOLEX11-1300600023 Datasheet
230Kb / 2P
   Mini-Change MPIS, 3 Pole Female, 4 Ports, with 7 Pole Male Connector, with LEDs
1300680039 MOLEX11-1300680039 Datasheet
31Kb / 1P
   Brad Power Quick-Change 3 Pole Tee with 3 Pole Mini-Change짰 Drop Cable
1201140079 MOLEX-1201140079 Datasheet
204Kb / 1P
   MICRO-CHANGE MPIS 8 PORT TOP MOUNT PNP MINI 12 POLE MALE
2010/03/18
1202480500 MOLEX-1202480500 Datasheet
43Kb / 1P
   Brad Safety MPIS Distribution Box, Top Mount, 8 Ports - 5-Pole (4) and 8-Pole (4)
logo
Neutrik AG
NA3FM NEUTRIK-NA3FM Datasheet
45Kb / 2P
   3 pole XLR male - 3 pole XLR female (extention adapter)
logo
Molex Electronics Ltd.
0845870005 MOLEX-0845870005 Datasheet
53Kb / 1P
   Micro-Change MPIS, 5 Pole, 6 Ports - 5 Female/1 Male, Side Mount, Meets NMEA 2000
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com