Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1200905080 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 1200905080
Description  Nano-Change (M8) Receptacle, M8 x 1.0 Mounting Threads, Straight Male, Male with Back Mounting
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1200905080 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  1200905080 Datasheet HTML 1Page - Molex Electronics Ltd. 1200905080 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A
7
8
9
10
6
5
3
4
2
1
B
C
D
E
F
A
B
C
D
E
F
7
8
9
6
5
3
4
2
10
1
MOLEX INCORPORATED
SIZE
SCALE
DESIGN UNITS
DIMENSION STYLE
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX
INCORPORATED AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
SHEET NO.
DOCUMENT NO.
MATERIAL NO.
molex
APPROVED BY
CHECKED BY
DRAWN BY
C =
=
GENERAL TOLERANCES
(UNLESS SPECIFIED)
mm
INCH
4 PLACES
3 PLACES
2 PLACES
1 PLACE
±
±
±
±
±
±
±
ANGULAR ±
°
±
QUALITY
SYMBOLS
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
A3
M8 MALE RECEPTACLES-
BACK-PIN
M8 GERAETEST. BACK-PIN
METRIC
2:1
MM
SD-120090-005
BB
JKO
FP
DATE
DATE
DATE
2009/06/26
2009/08/05
2009/08/05
---
---
---
---
0.1
0.05
---
---
----
1
FIRST ANGLE
PROJECTION
0
4
1 OF 1
see table


Similar Part No. - 1200905080

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1200905080 MOLEX-1200905080_V01 Datasheet
38Kb / 1P
   Nano-Change (M8) Receptacle, M8 x 1.0 Mounting Threads, Male (Straight) with Back Mounting Pins
More results

Similar Description - 1200905080

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1200905077 MOLEX11-1200905077 Datasheet
99Kb / 2P
   Nano-Change (M8) Receptacle, M8 x 1.0 Mounting Threads, Straight Male, Male with Back Mounting
1200905072 MOLEX11-1200905072 Datasheet
99Kb / 2P
   Nano-Change (M8) Receptacle, M8 x 1.0 Mounting Threads, Straight Male, Male with Back Mounting Pins
1200905072 MOLEX-1200905072_V01 Datasheet
37Kb / 1P
   Nano-Change (M8) Receptacle, M8 x 1.0 Mounting Threads, Male (Straight)with Back Mounting Pins
1200905080 MOLEX-1200905080_V01 Datasheet
38Kb / 1P
   Nano-Change (M8) Receptacle, M8 x 1.0 Mounting Threads, Male (Straight) with Back Mounting Pins
1200905077 MOLEX-1200905077_V01 Datasheet
37Kb / 1P
   Nano-Change (M8) Receptacle, M8 x 1.0 Mounting Threads, Male (Straight)with Back Mounting Pins
1200905078 MOLEX11-1200905078 Datasheet
110Kb / 2P
   Nano-Change (M8) Receptacle, M8 x 1.0 Mounting Threads, Straight Male, Male 0.20m (7.87") Length, Back
1200905078 MOLEX-1200905078_V01 Datasheet
28Kb / 1P
   Nano-Change (M8) Receptacle, M8 x 1.0 Mounting Threads, Male (Straight) to Leads
1200905073 MOLEX-1200905073_V01 Datasheet
28Kb / 1P
   Nano-Change (M8) Receptacle, M8 x 1.0 Mounting Threads, Male (Straight) to Leads
1200900009 MOLEX-1200900009 Datasheet
28Kb / 1P
   Nano-Change (M8) Receptacle, 3 Poles, M8 x 1.0 Mounting Threads, Male
1200905073 MOLEX11-1200905073 Datasheet
110Kb / 2P
   Nano-Change (M8) Receptacle, M8 x 1.0 Mounting Threads, Straight Male, Male 0.30m (11.81") Length
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com