Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

91814-3140 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 91814-3140
Description  2.54mm (.100") Pitch C-Grid III Dual Row Right Angle Shrouded Header, 40 Circuits, Tin (Sn) over Nickel (Ni)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

91814-3140 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  91814-3140 Datasheet HTML 1Page - Molex Electronics Ltd. 91814-3140 Datasheet HTML 2Page - Molex Electronics Ltd. 91814-3140 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
350V AC/DC
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-91814-005
Product Specification
PS-99020-0001
Sales Drawing
SD-91814-001
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 91814-3140

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
91814-3106 MOLEX11-91814-3106 Datasheet
135Kb / 3P
   2.54mm (.100") Pitch C-Grid III Dual Row Right Angle Shrouded Header, 6 Circuits, Tin (Sn) over Nickel (Ni)
91814-3108 MOLEX11-91814-3108 Datasheet
135Kb / 3P
   2.54mm (.100") Pitch C-Grid III Dual Row Right Angle Shrouded Header, 8 Circuits, Tin
91814-3110 MOLEX11-91814-3110 Datasheet
135Kb / 3P
   2.54mm (.100") Pitch C-Grid III Dual Row Right Angle Shrouded Header, 10 Circuits, Tin (Sn) over Nickel (Ni)
91814-3112 MOLEX11-91814-3112 Datasheet
135Kb / 3P
   2.54mm (.100") Pitch C-Grid III Dual Row Right Angle Shrouded Header, 12 Circuits, Tin (Sn)
91814-3114 MOLEX11-91814-3114 Datasheet
135Kb / 3P
   2.54mm (.100") Pitch C-Grid III Dual Row Right Angle Shrouded Header, 14 Circuits, Tin (Sn) over Nickel (Ni)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com