Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5008252670 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 5008252670
Description  0.50mm (.020") Pitch Cradlecon I/O Receptacle, SMT, Right Angle, Through Hole Shell Tabs, 26 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

5008252670 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  5008252670 Datasheet HTML 1Page - Molex Electronics Ltd. 5008252670 Datasheet HTML 2Page - Molex Electronics Ltd. 5008252670 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5008252670
Status:
Active
Description:
0.50mm (.020") Pitch Cradlecon™ I/O Receptacle, SMT, Right Angle, Through Hole
Shell Tabs, 26 Circuits
Documents:
3D Model
Product Specification PS-500825-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
I/O Connectors
Series
500825
Application
Board-to-Board
Component Type
Receptacle
Product Name
CradleCon™
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
26
Circuits (maximum)
26
Gender
Receptacle
Lock to Mating Part
Yes
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Number of Rows
2
Orientation
Right Angle
PCB Locator
Yes
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Panel Mount
No
Pitch - Mating Interface (in)
0.020 In
Pitch - Mating Interface (mm)
0.50 mm
Pitch - Term. Interface (in)
0.020 In
Pitch - Term. Interface (mm)
0.50 mm
Plating min: Mating (µin)
8
Plating min: Mating (µm)
0.2
Plating min: Termination (µin)
80
Plating min: Termination (µm)
2
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
1
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-20°C to +65°C
Termination Interface: Style
Surface Mount
Waterproof / Dustproof
No
Electrical
Current - Maximum per Contact
0.5A
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
30V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
500825Series
Mates With
500687-2670 , 501054-2670


Similar Part No. - 5008252670

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5008 POMONA-5008 Datasheet
20Kb / 1P
   Adapter, Video Plug (W.E. 090) To BNC Female
logo
Molex Electronics Ltd.
5008 MOLEX11-5008 Datasheet
23Kb / 1P
   J5800-001 INSERTION TOOL PRODUCT SPECIFICATION
logo
List of Unclassifed Man...
5008 ETC2-5008 Datasheet
462Kb / 1P
   THM TEST POINTS
5008 ETC2-5008 Datasheet
129Kb / 1P
   TYPE N FEMALE TO SMA FEMALE ADAPTER
logo
Schurter Inc.
5008 SCHURTER-5008 Datasheet
440Kb / 6P
   IEC Appliance Inlet C8 with Filter, Front Side Mounting
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com