Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0985991004 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0985991004
Description  MOX Right Angle Airbag Header Assembly, 64 Circuits, Gold Over Nickel
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0985991004 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0985991004 Datasheet HTML 1Page - Molex Electronics Ltd. 0985991004 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0985991004
Status:
Active
Description:
MOX Right Angle Airbag Header Assembly, 64 Circuits, Gold Over Nickel
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
98599
Application
Wire-to-Board
Product Name
MOX
Physical
Breakaway
No
Circuits (Loaded)
64
Circuits (maximum)
64
Color - Resin
Black
Durability (mating cycles max)
20
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold over Nickel
Material - Resin
Polyester Alloy
Number of Rows
2
Orientation
Right Angle
PC Tail Length (in)
0.122 In
PC Tail Length (mm)
3.10 mm
PCB Locator
Yes
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
6A
Voltage - Maximum
14V DC
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-98599-006
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
98599Series
Mates With
98615 MOX Female Housing
Use With
PCB
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0985991004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0985991002 MOLEX11-0985991002 Datasheet
146Kb / 3P
   MOX Right Angle Airbag Header Assembly, 60 Circuits, Gold Over Nickel
0985991003 MOLEX11-0985991003 Datasheet
146Kb / 2P
   MOX Right Angle Airbag Header Assembly, 44 Circuits, Gold Over Nickel
More results

Similar Description - 0985991004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0985991002 MOLEX11-0985991002 Datasheet
146Kb / 3P
   MOX Right Angle Airbag Header Assembly, 60 Circuits, Gold Over Nickel
0985991003 MOLEX11-0985991003 Datasheet
146Kb / 2P
   MOX Right Angle Airbag Header Assembly, 44 Circuits, Gold Over Nickel
logo
E-SWITCH
06-DR3M16RTR E-SWITCH-06-DR3M16RTR Datasheet
72Kb / 1P
   Gold Over Nickel Plating
06-DR75AMP10RB E-SWITCH-06-DR75AMP10RB Datasheet
68Kb / 1P
   Gold Over Nickel Plating
06-DR410RB E-SWITCH-06-DR410RB Datasheet
66Kb / 1P
   Gold Over Nickel Plating
06-DR3A10RB E-SWITCH-06-DR3A10RB Datasheet
67Kb / 1P
   Gold Over Nickel Plating
06-DR4AH10RB E-SWITCH-06-DR4AH10RB Datasheet
67Kb / 1P
   Gold Over Nickel Plating
04-SRM16CTTR E-SWITCH-04-SRM16CTTR Datasheet
380Kb / 1P
   Gold Over Nickel Plating
06-DR3MS10RTR E-SWITCH-06-DR3MS10RTR Datasheet
68Kb / 1P
   Gold Over Nickel Plating
04-SRK16HC E-SWITCH-04-SRK16HC Datasheet
88Kb / 1P
   Gold Over Nickel Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com