Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1200660887 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 1200660887
Description  Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 3.0M (9.84 )
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX11 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

1200660887 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1200660887
Status:
Active
Overview:
microchange_m12_connectors
Description:
Micro-Change® (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG
TPE Cable, 3.0M (9.84' )
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR6837
UL
E152210
General
Product Family
Industrial Cordsets
Series
120066
Connector End A
Micro-Change® (M12)
Connector End B
Micro-Change® (M12)
IP Rating
IP68
NEMA Rating
NEMA 6
Overview
microchange_m12_connectors
Product Name
Micro-Change® (M12)
Type
Double Ended
Physical
Cable Diameter
7.14mm (.281")
Cable Length
3.0m (9.84' )
Color - Cable Jacket
Yellow
Coupling Style
Threaded
Gender
Female-Male
Keyway
Single
LED Indicator
No
Material - Cable Jacket
TPE
Material - Connector Body
TPE
Material - Contact
Copper
Material - Coupling Nut
Teflon Nickel-plated Brass
Material - O-Ring
Viton
Material - Plating Mating
Gold over Nickel
Orientation
Straight
Poles
4
Temperature Range - Operating
-20°C to +105°C
Wire Size AWG
18
Wire/Cable Type
UL 2250
Electrical
Current - Maximum per Contact
4A
Voltage - Maximum
250V AC/DC
Material Info
Old Part Number
884030K03M030
Reference - Drawing Numbers
Sales Drawing
SD-120066-020
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
120066Series
This document was generated on 05/31/2010


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn