Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

94518-0200 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 94518-0200
Description  High Normal Force (HNF) Female Terminal, For 6.3 x 0.8mm (."248x.031") TabsUnplated Brass, AWG 14-18
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

94518-0200 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  94518-0200 Datasheet HTML 1Page - Molex Electronics Ltd. 94518-0200 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/29/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0945180200
Status:
Active
Description:
High Normal Force (HNF) Female Terminal, For 6.3 x 0.8mm (."248x.031") Tabs,
Unplated Brass, AWG 14-18
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-94518-006 (PDF)
General
Product Family
Crimp Terminals
Series
94518
Crimp Quality Equipment
Yes
Product Name
High Normal Force (HNF) Termin
Physical
Gender
Female
Material - Metal
Brass
Material - Plating Mating
Unplated
Material - Plating Termination
Unplated
Packaging Type
Reel
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
2.80-3.80mm (.110-.150")
Wire Size AWG
14, 16, 18
Wire Size mm²
1.0 TO 2.50
Material Info
Reference - Drawing Numbers
Product Specification
PS-94518-006
Sales Drawing
SD-94518-005
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
94518Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Extraction Tool
0638132700
This document was generated on 03/29/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 94518-0200

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
94518-0400 MOLEX11-94518-0400 Datasheet
121Kb / 2P
   High Normal Force (HNF) Female Terminal
94518-0401 MOLEX11-94518-0401 Datasheet
121Kb / 2P
   High Normal Force (HNF) Female Terminal, For 6.3 x 0.8mm (."248x.031") Tabs, Tin Plated Brass, AWG 12-16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com