Electronic Components Datasheet Search |
|
5016390310 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
5016390310 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 6 page This document was generated on 05/26/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 5016390310 Status: Active Overview: slimstack_mm016_pitch Description: 0.40mm (.016") Pitch SlimStack™ Board-to-Board Plug, SMT, Dual Row, Vertical Stacking, 1.70mm (.067") Stacking Height, With Solder Tabs, 30 Circuits Documents: 3D Model Product Specification PS-501635-001 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) General Product Family PCB Headers Series 501639 Application Board-to-Board Overview slimstack_mm016_pitch Product Name SlimStack™ Physical Breakaway No Circuits (Loaded) 30 Color - Resin Black Durability (mating cycles max) 30 Glow-Wire Compliant No Lock to Mating Part Yes Mated Height (in) 0.067 In Mated Height (mm) 1.70 mm Material - Metal Brass, Phosphor Bronze Material - Plating Mating Gold Material - Plating Termination Gold Number of Rows 2 Orientation Vertical PCB Locator No PCB Retention Yes Packaging Type Embossed Tape on Reel Pitch - Mating Interface (in) 0.016 In Pitch - Mating Interface (mm) 0.40 mm Pitch - Term. Interface (in) 0.016 In Pitch - Term. Interface (mm) 0.40 mm Polarized to Mating Part No Polarized to PCB No Stackable No Surface Mount Compatible (SMC) Yes Temperature Range - Operating -25°C to +85°C Termination Interface: Style Surface Mount Electrical Current - Maximum per Contact 0.3A Voltage - Maximum 50V AC (RMS)/DC Material Info Reference - Drawing Numbers Packaging Specification SPK-501639-001 Product Specification PS-501635-001, RPS-501635-001, RPS-501635-006 Sales Drawing SD-501639-001, SD-501639-002 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 501639Series Mates With 501635 PCB Receptacle |
Similar Part No. - 5016390310 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |