Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1120340021 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1120340021
Description  SST Remote DeviceNet Scanner, Ethernet remote connection, Din Rail mounting, IP30
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1120340021 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1120340021 Datasheet HTML 1Page - Molex Electronics Ltd. 1120340021 Datasheet HTML 2Page - Molex Electronics Ltd. 1120340021 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1120340021
Status:
Active
Description:
SST Remote DeviceNet Scanner, Ethernet remote connection, Din Rail mounting, IP30
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Network Interface
Series
112034
Approvals
CE, ODVA
Communication Speed
N/A
IP Rating
IP20
MAC Address
00A091600422 (Ethernet)
Mounting Style
DIN Rail
Product Name
SST™
Protocol
DeviceNet*
Type
Remote Scanner
Physical
Channels
0
Interface
N/A
Network Connection Type
N/A
Packaging Type
Carton
Processor
N/A
Temperature Range - Operating
0°C to +50°C
Electrical
Current - Maximum Input
0.33A
EMC
IEC 61000-6-2
Supply Voltage
10-30V DC
Material Info
Old Part Number
SST-EDN-1
Reference - Drawing Numbers
Sales Drawing
E-112034-0021
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
112034Series
This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1120340021

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1120340026 MOLEX11-1120340026 Datasheet
487Kb / 3P
   SST Remote DeviceNet Scanner, Ethernet remote connection, Din Rail mounting, IP30 with Cable Kit
More results

Similar Description - 1120340021

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1120340026 MOLEX11-1120340026 Datasheet
487Kb / 3P
   SST Remote DeviceNet Scanner, Ethernet remote connection, Din Rail mounting, IP30 with Cable Kit
1120160019 MOLEX11-1120160019 Datasheet
1Mb / 3P
   BradCommunications SST PROFIBUS Scanner for Allen-Bradley ControlLogix, includes Remote Link
1120160018 MOLEX11-1120160018 Datasheet
1Mb / 3P
   BradCommunications SST PROFIBUS Scanner for Allen-Bradley ControlLogix, includes Remote Link Library
logo
PHOENIX CONTACT
0614195 PHOENIX-0614195 Datasheet
47Kb / 2P
   Holder, Connection type: DIN rail mounting
logo
Weidmuller
1334900000 WEIDMULLER-1334900000 Datasheet
602Kb / 5P
   Remote I/O fieldbus coupler, IP20, DeviceNet
logo
Pepperl+Fuchs Inc.
UPR-MR PF-UPR-MR Datasheet
259Kb / 1P
   DIN mounting rail
2020-09-23
logo
M-System Co.,Ltd.
R3-ND1 MSYSTEM-R3-ND1 Datasheet
171Kb / 7P
   Remote I/O R3 Series DeviceNet INTERFACE MODULE
R3-GD1 MSYSTEM-R3-GD1 Datasheet
146Kb / 5P
   Remote I/O R3 Series DeviceNet INTERFACE MODULE
R5-ND1 MSYSTEM-R5-ND1 Datasheet
169Kb / 6P
   Remote I/O R5 Series DeviceNet INTERFACE MODULE
R3-ND2 MSYSTEM-R3-ND2 Datasheet
173Kb / 7P
   Remote I/O R3 Series DeviceNet INTERFACE MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com