Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-501646-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-501646-001
Description  2.00mm (.079") Pitch iGrid Wire-to-Board Housing, Dual Row, Positive Lock, 32 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-501646-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-501646-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-501646-001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5016463200
Status:
Active
Overview:
igrid
Description:
2.00mm (.079") Pitch iGrid™ Wire-to-Board Housing, Dual Row, Positive Lock, 32
Circuits
Documents:
3D Model
Product Specification PS-501646-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
501646
Overview
igrid
Product Name
iGrid™
Physical
Circuits (maximum)
32
Color - Resin
Natural
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
Nylon
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-25°C to +85°C
Material Info
Reference - Drawing Numbers
Product Specification
PS-501646-001, RPS-501646-001, RPS-501646-002,
RPS-501646-003, RPS-501646-004, RPS-501646-005,
RPS-501646-006, RPS-501646-007, RPS-503091-001
Sales Drawing
SD-501646-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
501646Series
Mates With
501645 Vertical Header . 501876 Right
Angle Header
Use With
501647 22-26 AWG Terminal . 501648
26-28 AWG Terminal
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-501646-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-501646-001 MOLEX11-SD-501646-001 Datasheet
115Kb / 2P
   2.00mm (.079") Pitch iGrid Wire-to-Board Housing, Dual Row, Positive Lock, 16 Circuits
SD-501646-001 MOLEX11-SD-501646-001 Datasheet
115Kb / 2P
   2.00mm (.079") Pitch iGrid Wire-to-Board Housing, Dual Row, Positive Lock, 28 Circuits
SD-501646-001 MOLEX11-SD-501646-001 Datasheet
115Kb / 2P
   2.00mm (.079") Pitch iGrid Wire-to-Board Housing, Dual Row, Positive Lock, 26 Circuits
SD-501646-001 MOLEX11-SD-501646-001 Datasheet
115Kb / 2P
   2.00mm (.079") Pitch iGrid Wire-to-Board Housing, Dual Row, Positive Lock, 20 Circuits
SD-501646-001 MOLEX11-SD-501646-001 Datasheet
115Kb / 2P
   2.00mm (.079") Pitch iGrid Wire-to-Board Housing, Dual Row, Positive Lock, 24 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com