Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-500810-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-500810-001
Description  Mini-HMC Shielded I/O Plug Shell, 40 Circuits, 8 Rows, Polarizing Key Type A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-500810-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-500810-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-500810-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-500810-001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5008100000
Status:
Active
Description:
Mini-HMC™ Shielded I/O Plug Shell, 40 Circuits, 8 Rows, Polarizing Key Type A
Documents:
3D Model
Product Specification PS-500810-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
I/O Connectors
Series
500810
Application
Panel-Mount, Wire-to-Wire
Component Type
Plug Shell Body
Product Name
Mini-HMC™
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
40
Circuits (maximum)
40
Durability (mating cycles max)
50
Gender
Plug
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Copper
Material - Plating Termination
Copper
Number of Rows
2
Orientation
Vertical
PCB Locator
No
Packaging Type
Bag
Panel Mount
Screws
Pitch - Mating Interface (in)
0.000 In
Pitch - Mating Interface (mm)
0.00 mm
Plating min: Mating (µin)
20
Plating min: Mating (µm)
0.5
Plating min: Termination (µin)
20
Plating min: Termination (µm)
0.5
Polarized to Mating Part
Yes
Polarized to PCB
No
Ports
1
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Surface Mount
Waterproof / Dustproof
Yes
Waterproof / Dustproof Type
IP65
Electrical
Current - Maximum per Contact
1.5A, 2.5A
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Product Specification
PS-500810-001, RPS-500810-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
500810Series
Mates With
500809-0000 Receptacle Shell
Use With
500811-0010 Cover, 500812-1000 Plug
Housing, 56118 Plug Terminal, 56119 Plug
Terminal


Similar Part No. - SD-500810-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-500810-001 MOLEX11-SD-500810-001 Datasheet
156Kb / 3P
   Mini-HMC Shielded I/O Plug Shell, 40 Circuits, 8 Rows, Polarizing Key Type B
More results

Similar Description - SD-500810-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5008100010 MOLEX11-5008100010 Datasheet
156Kb / 3P
   Mini-HMC Shielded I/O Plug Shell, 40 Circuits, 8 Rows, Polarizing Key Type B
5008090000 MOLEX11-5008090000 Datasheet
175Kb / 3P
   Mini-HMC Shielded Panel-Mount I/O Receptacle Shell, 40 Circuits, 8 Rows, Polarizing Key Type A
5008090010 MOLEX11-5008090010 Datasheet
175Kb / 3P
   Mini-HMC Shielded Panel-Mount I/O Receptacle Shell, 40 Circuits, 8 Rows, Polarizing Key Type B
0587820011 MOLEX7-0587820011 Datasheet
276Kb / 5P
   HMC??Rectangular Industrial Plug Shell Assembly, Single Module Type, For Small Plug Cover, 12 and 40 Circuits
0563773001 MOLEX7-0563773001 Datasheet
107Kb / 2P
   CRC??Shielded Rectangular I/O Receptacle Shell, Panel Mount, Signal, 30 Circuits,Rear Mount Type
0563775001 MOLEX7-0563775001 Datasheet
117Kb / 2P
   CRC??Shielded Rectangular I/O Receptacle Shell, Panel Mount, Signal, 50 Circuits,Rear Mount Type
0563772001 MOLEX7-0563772001 Datasheet
107Kb / 2P
   CRC??Shielded Rectangular I/O Receptacle Shell, Panel Mount, Signal, 20 Circuits, Rear Mount Type
0595875010 MOLEX7-0595875010 Datasheet
108Kb / 2P
   CRC??Shielded Rectangular I/O Plug Cover A, For Plug Assembly, Signal, 50 Circuits
logo
Tyco Electronics
2013595 MACOM-2013595 Datasheet
73Kb / 1P
   INDUSTRIAL MINI I/O PLUG CONNECTOR KIT D-SHAPE TYPE I
logo
Molex Electronics Ltd.
5008121000 MOLEX11-5008121000 Datasheet
99Kb / 3P
   3.00mm (.118") Pitch Mini-HMC Crimp Housing, Male, 2 Rows, 10 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com