Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-112095-5003 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # SD-112095-5003
Description  BradControl Class 60mm 8 Port IO module, 8 Inputs, 8 Outputs PNP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-112095-5003 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  SD-112095-5003 Datasheet HTML 1Page - Molex Electronics Ltd. SD-112095-5003 Datasheet HTML 2Page - Molex Electronics Ltd. SD-112095-5003 Datasheet HTML 3Page - Molex Electronics Ltd. SD-112095-5003 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Fe a t u r e s
Sc rolling 4 c harac t ers st at us display
f o r I P a d d r e s s i n g a n d m o d u l e s t a t u s
Built -in 2-port Et hernet sw it c h
10/100 Mbps aut o-sensing and c rossover
c a p a b i l i t y
Built -in w eb server for rem ot e
m o n i t o r i n g , c o n f i g u r a t i o n a n d
d i a g n o s t i c s
Configurable I/O c apabilit y (t hrough
w e b i n t e r f a c e & Et h e r N e t /I P
c o m m a n d s )
Ac c ept s M12 t hreaded c onnec t ors or
B r a d Co n n e c t i v i t y U l t r a -L o c k
c o n n e c t i o n s y s t e m
Support s PNP & NPN input devic es
Several I/O c onfigurat ions t o c hoose
f r o m
TCDEM-8YYX-DIU offers 16 point s of
c o n f i g u r a b l e I /O w h e r e t h e u s e r c a n
c o n f i g u r e e a c h p o i n t a s e i t h e r a n i n p u t o r
o u t p u t
Visible LEDs provide m aint enanc e
p e r s o n n e l w i t h t h e a b i l i t y t o e a s i l y
d e t e r m i n e I /O, m o d u l e & n e t w o r k
s t a t u s
Error-m em ory for diagnost ic s via
Et h e r N e t /I P
Rat ed IP67 for harsh environm ent s
Designed for direc t m ac hine m ount
a p p l i c a t i o n s
IP addressing via Boot p, DHCP or st at ic
(t h r o u g h w e b i n t e r f a c e , p u s h b u t t o n &
M o d b u s c o m m a n d s )
St andard hole pat t ern allow s for
i n t e r c h a n g e a b i l i t y w i t h p o p u l a r I /O
m o d u l e s
Wat c hdog
T y p i c a l A p p l i c a t i o n s
Mac hine t ool indust ry
Mat erial handling syst em s
Filling & pac k aging
St eel indust ry
Et h e r N e t /I P
Di s c r e t e I /O M o d u l e
I P6 7 Cl a s s i c M o d u l e
I /O Sy s t e m s f o r H a r s h Du t y En v i r o n m e n t s
BradControl
EtherNet/IP I/O modules provide a reliable solution for connecting
industrial controllers to I/O devices in harsh duty environments.
Contained in an IP67 rated housing, BradControl I/O modules can be machine
mounted and are able to withstand areas where liquids, dust or vibration may be
present. This makes them ideally suited for many applications including material
handling equipment and automated assembly machinery.
Advanced network features such as 10/100 Mbps auto-sensing, web server
capabilities and a flexible IP address setup method, make configuration and
operation simple. Following traditional industrial fieldbus practices, standard M12
connectors from sensing devices or actuators plug directly into the I/O module.
An environmentally sealed IP67 connection between the I/O module and the
Ethernet network is created using the Ultra-Lock
connection system built into
the BradControl EtherNet/IP I/O module.
T h e B r a d Co n t r o l
I P67 I /O m o d ul e s p r o v i d e a r e l i a b l e
s o l u t i o n f o r c o n n e c t i n g i n d u s t r i a l c o n t r o l l e r s t o I /O
d e v i c e s i n h a r s h e n v i r o n m e n t s .


Similar Part No. - SD-112095-5003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-112095-5003 MOLEX11-SD-112095-5003 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 16 Inputs NPN
SD-112095-5003 MOLEX11-SD-112095-5003 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 14 Inputs, 2 Outputs PNP
SD-112095-5003 MOLEX11-SD-112095-5003 Datasheet
966Kb / 4P
   BradControl Class 60mm 8 Port IO module, 16 Inputs PNP
SD-112095-5003 MOLEX11-SD-112095-5003 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 12 Inputs, 4 Outputs NPN
SD-112095-5003 MOLEX11-SD-112095-5003 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 14 Inputs, 2 Outputs NPN
More results

Similar Description - SD-112095-5003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1120955028 MOLEX11-1120955028 Datasheet
437Kb / 4P
   BradControl Class 60mm 8 Port IO module, 8 Inputs, 8 Outputs PNP
1120955006 MOLEX11-1120955006 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 8 Inputs, 8 Outputs NPN
1120955007 MOLEX11-1120955007 Datasheet
966Kb / 4P
   BradControl Class 60mm 8 Port IO module, 16 Inputs PNP
1120955026 MOLEX11-1120955026 Datasheet
437Kb / 4P
   BradControl Class 60mm 8 Port IO module, 14 Inputs, 2 Outputs PNP
1120955027 MOLEX11-1120955027 Datasheet
437Kb / 4P
   BradControl Class 60mm 8 Port IO module, 12 Inputs, 4 Outputs PNP
1120955009 MOLEX11-1120955009 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 12 Inputs, 4 Outputs PNP
1120955008 MOLEX11-1120955008 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 14 Inputs, 2 Outputs PNP
1120955005 MOLEX11-1120955005 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 12 Inputs, 4 Outputs NPN
1120955004 MOLEX11-1120955004 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 14 Inputs, 2 Outputs NPN
1120955023 MOLEX11-1120955023 Datasheet
437Kb / 4P
   BradControl??Class 60mm 8 Port IO module, 12 Inputs, 4 Outputs NPN
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com