Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-500811-002 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-500811-002
Description  Mini-HMC Rectangular Industrial Wire-to-Wire Cover, Right Angle, 40 Circuits, for Plug
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-500811-002 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-500811-002 Datasheet HTML 1Page - Molex Electronics Ltd. SD-500811-002 Datasheet HTML 2Page - Molex Electronics Ltd. SD-500811-002 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5008111010
Status:
Active
Description:
Mini-HMC™ Rectangular Industrial Wire-to-Wire Cover, Right Angle, 40 Circuits, for
Plug
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-500810-001 (PDF)
General
Product Family
I/O Connectors
Series
500811
Application
Panel-Mount, Wire-to-Wire
Component Type
Plug Shell Cover
Product Name
Mini-HMC™
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
N/A
Circuits (maximum)
40
Durability (mating cycles max)
50
Gender
Plug
Lock to Mating Part
Yes
Material - Metal
Aluminum, Stainless Steel, Steel
Material - Plating Mating
n/a
Number of Rows
0
Orientation
Right Angle
PCB Locator
No
Packaging Type
Bag
Panel Mount
Screws
Pitch - Mating Interface (in)
0.000 In
Pitch - Mating Interface (mm)
0.00 mm
Polarized to Mating Part
Yes
Polarized to PCB
N/A
Ports
0
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
N/A
Waterproof / Dustproof
Yes
Electrical
Current - Maximum per Contact
1.5A, 2.5A
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
250V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Application Specification
AS-500811-001
Packaging Specification
PK-500811-001
Product Specification
PS-500810-001
Sales Drawing
SD-500811-002
Series
image - Reference only
EU RoHS
China RoHS
Compliance Status
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
500811Series
Mates With
500810-0000 , 500810-0010


Similar Part No. - SD-500811-002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-500810-001 MOLEX11-SD-500810-001 Datasheet
156Kb / 3P
   Mini-HMC Shielded I/O Plug Shell, 40 Circuits, 8 Rows, Polarizing Key Type B
SD-500810-001 MOLEX11-SD-500810-001 Datasheet
156Kb / 3P
   Mini-HMC Shielded I/O Plug Shell, 40 Circuits, 8 Rows, Polarizing Key Type A
SD-500812-001 MOLEX11-SD-500812-001 Datasheet
99Kb / 3P
   3.00mm (.118") Pitch Mini-HMC Crimp Housing, Male, 2 Rows, 10 Circuits
SD-500817-001 MOLEX11-SD-500817-001 Datasheet
119Kb / 2P
   2.50mm (.098") Pitch Wire-to-Wire Retainer, 5 Circuits
SD-500817-001 MOLEX11-SD-500817-001 Datasheet
119Kb / 2P
   2.50mm (.098") Pitch Wire-to-Wire Retainer, 3 Circuits
More results

Similar Description - SD-500811-002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0584740001 MOLEX7-0584740001 Datasheet
151Kb / 3P
   HMC??Rectangular Industrial Wire-to-Wire Bracket Cover, 40 Circuit, External ThreadPG29, for Small Plug
0584740000 MOLEX7-0584740000 Datasheet
151Kb / 3P
   HMC??Rectangular Industrial Wire-to-Wire Bracket Cover, 40 Circuit, External Thread PG29, for Large Plug
0563860000 MOLEX7-0563860000 Datasheet
89Kb / 2P
   HMC??Rectangular Industrial Wire-to-Wire Bracket Cover, 36 Circuits, External Thread, PG29
0563870000 MOLEX7-0563870000 Datasheet
91Kb / 2P
   HMC??Rectangular Industrial Wire-to-Wire Bracket Cover, 48 and 72 Circuits, ExternalThread, PG36
0587830011 MOLEX7-0587830011 Datasheet
314Kb / 5P
   HMC??Rectangular Industrial Receptacle Shell Assembly, Single Module Type, ForSmall Plug Cover, For Panel Mount and Wire-to-Wire, 12 and 40 Circuits
0587830010 MOLEX7-0587830010 Datasheet
242Kb / 4P
   HMC??Rectangular Industrial Receptacle Shell Assembly, Single Module Type, ForLarge Plug Cover, For Panel Mount and Wire-to-Wire, 52 Circuits
0587820011 MOLEX7-0587820011 Datasheet
276Kb / 5P
   HMC??Rectangular Industrial Plug Shell Assembly, Single Module Type, For Small Plug Cover, 12 and 40 Circuits
0587820010 MOLEX7-0587820010 Datasheet
214Kb / 4P
   HMC??Rectangular Industrial Plug Shell Assembly, Single Module Type, For LargePlug Cover, 52 Circuits
0512371205 MOLEX7-0512371205 Datasheet
91Kb / 3P
   CRC??Shielded Rectangular I/O Mold Cover, For Wire-to-Wire, Receptacle Assembly12 Circuits
0512372005 MOLEX7-0512372005 Datasheet
90Kb / 3P
   CRC??Shielded Rectangular I/O Mold Cover, For Wire-to-Wire, Receptacle Assembly20 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com