Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

500805-2272 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 500805-2272
Description  0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Top Contact Style, Gold Contact
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

500805-2272 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  500805-2272 Datasheet HTML 1Page - Molex Electronics Ltd. 500805-2272 Datasheet HTML 2Page - Molex Electronics Ltd. 500805-2272 Datasheet HTML 3Page - Molex Electronics Ltd. 500805-2272 Datasheet HTML 4Page - Molex Electronics Ltd. 500805-2272 Datasheet HTML 5Page - Molex Electronics Ltd. 500805-2272 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5008052272
Status:
Active
Overview:
ffc_fpc_smt
Description:
0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Top Contact Style,
Gold Contact Plating, 22 Circuits
Documents:
3D Model
Product Specification PS-500805-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
FFC/FPC Connectors
Series
500805
Overview
ffc_fpc_smt
Product Name
N/A
Physical
Circuits (Loaded)
26
Circuits (maximum)
26
Color - Resin
Black, Natural
Contact Position
Top
Durability (mating cycles max)
20
Entry Angle
90° Angle
Mated Height (in)
0.079 In
Mated Height (mm)
2.00 mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Material - Resin
High Temperature Thermoplastic
Number of Rows
1
Orientation
Right Angle
PC Tail Length (in)
0.000 In
PC Tail Length (mm)
0.00 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.000 In
PCB Thickness Recommended (mm)
0.00 mm
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.020 In
Pitch - Mating Interface (mm)
0.50 mm
Pitch - Term. Interface (in)
0.020 In
Pitch - Term. Interface (mm)
0.50 mm
Plating min: Mating (µin)
4
Plating min: Mating (µm)
0.1
Plating min: Termination (µin)
2
Plating min: Termination (µm)
0.05
Polarized to PCB
No
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-20°C to +85°C
Termination Interface: Style
Surface Mount
Wire/Cable Type
FFC/FPC
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
50V AC (RMS)/DC
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
500805Series


Similar Part No. - 500805-2272

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
500805-2672 MOLEX11-500805-2672 Datasheet
277Kb / 6P
   0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Top Contact Style, Gold
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com