Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-500593-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-500593-001
Description  2.50mm (.098") Pitch Wire-to-Wire Plug Housing, Single Row, 5 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-500593-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-500593-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-500593-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-500593-001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5005930500
Status:
Active
Description:
2.50mm (.098") Pitch Wire-to-Wire Plug Housing, Single Row, 5 Circuits
Documents:
3D Model
Product Specification PS-500592-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
500593
Product Name
N/A
Physical
Circuits (maximum)
5
Color - Resin
Natural
Gender
Male
Glow-Wire Compliant
No
Material - Resin
Polyester
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.098 In
Pitch - Mating Interface (mm)
2.50 mm
Stackable
No
Temperature Range - Operating
-40°C to +85°C
Material Info
Reference - Drawing Numbers
Product Specification
PS-500592-001, RPS-500592-001, RPS-500592-002,
RPS-500592-003, RPS-500592-004
Sales Drawing
SD-500593-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
500593Series
Mates With
500592
Use With
50398 , 500817
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-500593-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-500593-001 MOLEX11-SD-500593-001 Datasheet
143Kb / 3P
   2.50mm (.098") Pitch Wire-to-Wire Plug Housing, Single Row, 7 Circuits
SD-500593-001 MOLEX11-SD-500593-001 Datasheet
143Kb / 3P
   2.50mm (.098") Pitch Wire-to-Wire Plug Housing, Single Row, 8 Circuits
SD-500593-001 MOLEX11-SD-500593-001 Datasheet
143Kb / 3P
   2.50mm (.098") Pitch Wire-to-Wire Plug Housing, Single Row, 6 Circuits
SD-500593-001 MOLEX11-SD-500593-001 Datasheet
143Kb / 3P
   2.50mm (.098") Pitch Wire-to-Wire Plug Housing, Single Row, 4 Circuits
SD-500593-001 MOLEX11-SD-500593-001 Datasheet
143Kb / 3P
   2.50mm (.098") Pitch Wire-to-Wire Plug Housing, Single Row, 2 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com