Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-500254-004 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-500254-004
Description  HDMI Receptacle, Right Angle with Screw Flange, SMT Solder Tails and Through Hole Shell
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-500254-004 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-500254-004 Datasheet HTML 1Page - Molex Electronics Ltd. SD-500254-004 Datasheet HTML 2Page - Molex Electronics Ltd. SD-500254-004 Datasheet HTML 3Page - Molex Electronics Ltd. SD-500254-004 Datasheet HTML 4Page - Molex Electronics Ltd. SD-500254-004 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5002541941
Status:
Active
Overview:
high_definition_multimedia_interface_hdmi
Description:
HDMI* Receptacle, Right Angle with Screw Flange, SMT Solder Tails and Through
Hole Shell Tabs, Use With No.4-40 UNC Screw
Documents:
3D Model
Product Specification PS-501194-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
I/O Connectors
Series
500254
Application
Wire-to-Board
Component Type
Receptacle
Overview
high_definition_multimedia_interface_hdmi
Product Name
HDMI
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
19
Circuits (maximum)
19
Color - Resin
Black
Gender
Male
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Right Angle
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Panel Mount
Yes
Pitch - Mating Interface (in)
0.020 In
Pitch - Mating Interface (mm)
0.50 mm
Pitch - Term. Interface (in)
0.020 In
Pitch - Term. Interface (mm)
0.50 mm
Plating min: Mating (µin)
30.4
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
1
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-20°C to +85°C
Termination Interface: Style
Surface Mount
Waterproof / Dustproof
No
Wire Size AWG
N/A
Electrical
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
500254Series
Mates With
501194 HDMI Cable Assemblies,
Link:88768
Use With
No.4-40 UNC Screw


Similar Part No. - SD-500254-004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-500254-004 MOLEX11-SD-500254-004 Datasheet
283Kb / 5P
   HDMI Receptacle, Right Angle with Screw Flange, SMT Solder Tails and Through Hole Shell Tabs, Use With M3x0.5 Screw
More results

Similar Description - SD-500254-004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5002541931 MOLEX11-5002541931 Datasheet
283Kb / 5P
   HDMI Receptacle, Right Angle with Screw Flange, SMT Solder Tails and Through Hole Shell Tabs, Use With M3x0.5 Screw
5002541927 MOLEX11-5002541927 Datasheet
237Kb / 5P
   HDMI* Receptacle, Right Angle, SMT Solder Tails and Through Hole Shell Tabs
0565790519 MOLEX1-0565790519_18 Datasheet
36Kb / 2P
   Mini USB, AB-Receptacle, Right-Angle, Through Hole Solder Tails and Shell Tabs,Lead-Free
0548190519 MOLEX1-0548190519_18 Datasheet
40Kb / 2P
   Mini USB, B-Receptacle, Right-Angle, Through Hole Solder Tails and Shell Tabs, Lead-Free
5000751517 MOLEX1-5000751517_18 Datasheet
34Kb / 2P
   Mini USB, B-Receptacle, Vertical, Through Hole Solder Tails and Shell Tabs
5022370517 MOLEX1-5022370517 Datasheet
47Kb / 2P
   USB Mini-B Receptacle, Vertical, Through Hole Solder Tails and Shell Tabs with Dimples
5000750517 MOLEX1-5000750517 Datasheet
34Kb / 2P
   Mini USB, B-Receptacle, Vertical, Through Hole Solder Tails and Shell Tabs with Dimples
0471510002 MOLEX6-0471510002 Datasheet
717Kb / 10P
   0.50mm (.020") Pitch HDMI Receptacle, Right Angle with Screw Flange, Front Solder Tab Length 1.80mm
0471511132 MOLEX6-0471511132 Datasheet
721Kb / 10P
   0.50mm (.020") Pitch HDMI Receptacle, Right Angle with Screw Flange, Front Solder Tab Length 1.45mm
0471511032 MOLEX6-0471511032 Datasheet
721Kb / 10P
   0.50mm (.020") Pitch HDMI Receptacle, Right Angle with Screw Flange, Front Solder Tab Length 1.80mm (.071")
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com