Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5016161975 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 5016161975
Description  0.30mm (.012") Pitch Easy-On Type FPC Connector, 1.10mm (.043") Mated Height, Right Angle
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

5016161975 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  5016161975 Datasheet HTML 1Page - Molex Electronics Ltd. 5016161975 Datasheet HTML 2Page - Molex Electronics Ltd. 5016161975 Datasheet HTML 3Page - Molex Electronics Ltd. 5016161975 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5016161975
Status:
Active
Description:
0.30mm (.012") Pitch Easy-On™ Type FPC Connector, 1.10mm (.043") Mated Height,
Right Angle, SMT, ZIF, Top Contact Style, 19 Circuits, Lead-free
Documents:
3D Model
Product Specification PS-501616-002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
FFC/FPC Connectors
Series
501616
Product Name
Easy-On™
Physical
Circuits (Loaded)
19
Color - Resin
Black, Gray
Contact Position
Top
Durability (mating cycles max)
10
Entry Angle
90° Angle
Mated Height (in)
0.043 In
Mated Height (mm)
1.10 mm
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Number of Rows
1
Orientation
Right Angle
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.012 In
Pitch - Mating Interface (mm)
0.30 mm
Polarized to PCB
Yes
Stackable
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Surface Mount
Wire/Cable Type
FPC only
Electrical
Current - Maximum per Contact
0.2A
Voltage - Maximum
50V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Product Specification
PS-501616-002, RPS-501616-005, RPS-501616-009
Sales Drawing
SD-501616-005, SD-501616-006
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
501616Series
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 5016161975

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
501616-2575 MOLEX11-501616-2575 Datasheet
296Kb / 4P
   0.30mm (.012") Pitch Easy-On Type FPC Connector, 1.10mm (.043") Mated Height, Right Angle
501616-2775 MOLEX11-501616-2775 Datasheet
296Kb / 4P
   0.30mm (.012") Pitch Easy-On Type FPC Connector, 1.10mm (.043") Mated Height, Right Angle
501616-3985 MOLEX11-501616-3985 Datasheet
350Kb / 4P
   0.30mm (.012") Pitch Easy-On Type FPC Connector, 1.10mm (.043") Mated Height, Right Angle
501616-4185 MOLEX11-501616-4185 Datasheet
350Kb / 4P
   0.30mm (.012") Pitch Easy-On Type FPC Connector, 1.10mm (.043") Mated Height, Right Angle
501616-4585 MOLEX11-501616-4585 Datasheet
350Kb / 4P
   0.30mm (.012") Pitch Easy-On Type FPC Connector, 1.10mm (.043") Mated Height, Right Angle, SMT, ZIF
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com