Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5025780700 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 5025780700
Description  1.50mm (.059") Pitch CLIK-Mate??Wire-to-Board Housing
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

5025780700 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  5025780700 Datasheet HTML 1Page - Molex Electronics Ltd. 5025780700 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5025780700
Status:
Active
Overview:
clikmate_wiretoboard_connectors
Description:
1.50mm (.059") Pitch CLIK-Mate™ Wire-to-Board Housing, Single Row, Positive Lock,
7 Circuits
Documents:
3D Model
Product Specification PS-503175-001 (PDF)
Application Specification (PDF)
Product Specification PS-503339-001 (PDF)
Drawing (PDF)
Product Specification PS-503395-001 (PDF)
Product Specification PS-502584-001 (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-503159-001 (PDF)
General
Product Family
Crimp Housings
Series
502578
Overview
clikmate_wiretoboard_connectors
Product Name
CLIK-Mate™
Physical
Circuits (maximum)
7
Color - Resin
Beige
Gender
Plug
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.059 In
Pitch - Mating Interface (mm)
1.50 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-25°C to +85°C
Electrical
Current - Maximum per Contact
2A
Material Info
Reference - Drawing Numbers
Application Specification
AS-502578-001, AS-502578-002, AS-503395-001
Product Specification
PS-502584-001, PS-503159-001, PS-503175-001,
PS-503339-001, PS-503395-001, RPS-502584-002,
RPS-502584-003, RPS-502584-004, RPS-502584-005,
RPS-502584-006, RPS-502585-002, RPS-503159-001,
RPS-503159-003, RPS-503175-001, RPS-503175-002,
RPS-503339-001
Sales Drawing
SD-502578-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
502578Series
Mates With
502584 PCB Receptacle . 502585 PCB
Receptacle . 503395 PCB Receptacle
Use With
502579 Crimp Terminal
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 5025780700

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5025780200 MOLEX11-5025780200 Datasheet
162Kb / 2P
   1.50mm (.059") Pitch CLIK-Mate Wire-to-Board Housing, Single Row, Positive Lock, 2 Circuits
5025780300 MOLEX11-5025780300 Datasheet
162Kb / 2P
   1.50mm (.059") Pitch CLIK-Mate Wire-to-Board Housing, Single Row, Positive Lock, 3 Circuits
5025780400 MOLEX11-5025780400 Datasheet
162Kb / 2P
   1.50mm (.059") Pitch CLIK-Mate Wire-to-Board Housing, Single Row, Positive Lock, 4 Circuits
5025780500 MOLEX11-5025780500 Datasheet
162Kb / 2P
   1.50mm (.059") Pitch CLIK-Mate Wire-to-Board Housing, Single Row, Positive Lock, 5 Circuits
5025780600 MOLEX11-5025780600 Datasheet
162Kb / 2P
   1.50mm (.059") Pitch CLIK-Mate Wire-to-Board Housing, Single Row, Positive Lock, 6 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com