Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

500913-0502 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 500913-0502
Description  0.40mm (.016") Pitch SlimStack??Board-to-Board Receptacle-Header
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

500913-0502 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  500913-0502 Datasheet HTML 1Page - Molex Electronics Ltd. 500913-0502 Datasheet HTML 2Page - Molex Electronics Ltd. 500913-0502 Datasheet HTML 3Page - Molex Electronics Ltd. 500913-0502 Datasheet HTML 4Page - Molex Electronics Ltd. 500913-0502 Datasheet HTML 5Page - Molex Electronics Ltd. 500913-0502 Datasheet HTML 6Page - Molex Electronics Ltd. 500913-0502 Datasheet HTML 7Page - Molex Electronics Ltd. 500913-0502 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5009130502
Status:
Active
Description:
0.40mm (.016") Pitch SlimStack™ Board-to-Board Receptacle-Header, Surface Mount,
Dual Row, Vertical Stacking, Mated Height of 1.80mm (071"), with Solder Tabs, 50
Circuits
Documents:
3D Model
Product Specification PS-500913-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Receptacles
Series
500913
Application
Board-to-Board
Comments
Solder Tab Plating: Lead-Free, Tin
Product Name
SlimStack™
Physical
Circuits (Loaded)
50
Circuits (maximum)
50
Color - Resin
Black
Durability (mating cycles max)
30
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Mated Height (in)
0.071 In
Mated Height (mm)
1.80 mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.000 In
PC Tail Length (mm)
0.00 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.000 In
PCB Thickness Recommended (mm)
0.00 mm
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.016 In
Pitch - Mating Interface (mm)
0.40 mm
Pitch - Term. Interface (in)
0.016 In
Pitch - Term. Interface (mm)
0.40 mm
Plating min: Mating (µin)
10
Plating min: Mating (µm)
0.25
Plating min: Termination (µin)
2
Plating min: Termination (µm)
0.05
Polarized to Mating Part
No
Polarized to PCB
No
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-25°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.3A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
500913Series
Mates With
55909 PCB Header


Similar Part No. - 500913-0502

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
500913-0242 MOLEX11-500913-0242 Datasheet
609Kb / 8P
   0.40mm (.016") Pitch SlimStack??Board-to-Board Receptacle, Surface Mount
500913-0302 MOLEX11-500913-0302 Datasheet
609Kb / 8P
   0.40mm (.016") Pitch SlimStack Board-to-Board Receptacle, Surface Mount, Dual Row, Vertical Stacking, Mated Height of 1.80mm
500913-0402 MOLEX11-500913-0402 Datasheet
609Kb / 8P
   0.40mm (.016") Pitch SlimStack Board-to-Board Receptacle, Surface Mount, Dual 0.40mm (.016") Pitch SlimStack Board-to-Board Receptacle, Surface Mount, Dual
500913-0602 MOLEX11-500913-0602 Datasheet
609Kb / 8P
   0.40mm (.016") Pitch SlimStack Board-to-Board PCB Receptacle, Surface Mount, Dual Row, Vertical Stacking
500913-0702 MOLEX11-500913-0702 Datasheet
609Kb / 8P
   0.40mm (.016") Pitch SlimStack Board-to-Board PCB Receptacle, Surface Mount, Dual Row
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com