Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1228 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # B1228
Description  Driver Applications?
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

B1228 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  B1228 Datasheet HTML 1Page - Sanyo Semicon Device B1228 Datasheet HTML 2Page - Sanyo Semicon Device B1228 Datasheet HTML 3Page - Sanyo Semicon Device B1228 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - B1228

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B122-000-4K6 TRIPPLITE-B122-000-4K6 Datasheet
168Kb / 3P
   HDMI In-Line Signal Booster - F/F, 3840 x 2160 (4K x 2K) @ 60 Hz, Up to 50 ft., TAA
B122-000-60 TRIPPLITE-B122-000-60 Datasheet
165Kb / 3P
   HDMI Signal Booster ??F/F, 1920 x 1200 (1080p) @ 60 Hz, Up to 125 ft., TAA
B122000 TRIPPLITE-B122000 Datasheet
501Kb / 2P
   HDMI In-Line Signal Booster-Extender, 1920x1200 at 24Hz-1080p (HDMI F-F)
B12200060 TRIPPLITE-B12200060 Datasheet
517Kb / 2P
   HDMI In-Line Signal Booster-Extender, 1920x1200 at 60Hz/1080p (HDMI F-F)
logo
Anaren Microwave
B1222A5003A00 ANAREN-B1222A5003A00 Datasheet
232Kb / 6P
   Ultra Small Low Profile 0603 Balun 50廓 to 200廓 Balanced
More results

Similar Description - B1228

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB913 SANYO-2SB913 Datasheet
124Kb / 4P
   Driver Applications??????????
2SC3293 SANYO-2SC3293 Datasheet
82Kb / 3P
   Driver Applications
2SC3294 SANYO-2SC3294 Datasheet
76Kb / 3P
   Driver Applications?
2SD1953 SANYO-2SD1953 Datasheet
72Kb / 3P
   Driver Applications??????
2SC3987 SANYO-2SC3987 Datasheet
83Kb / 3P
   Driver Applications???
2SD1800 SANYO-2SD1800 Datasheet
72Kb / 3P
   Driver Applications???
2SD1817 SANYO-2SD1817 Datasheet
72Kb / 3P
   Driver Applications????
2SD2049 SANYO-2SD2049 Datasheet
81Kb / 3P
   Driver Applications???????
2SB1406 SANYO-2SB1406 Datasheet
68Kb / 3P
   Driver Applications???
2SC4006 SANYO-2SC4006 Datasheet
81Kb / 3P
   Driver Applications
2SC4547 SANYO-2SC4547 Datasheet
83Kb / 3P
   Driver Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com