Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0877830301 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 0877830301
Description  0.60mm (.024) Pitch miniDIMM DDR3 Socket, Surface Mount, 22.5째 Angle, 0.76關m (30關) Gold (Au) Plating, Off-White Latches, with Pick-and-Place Cap, 244 Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0877830301 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0877830301 Datasheet HTML 1Page - Molex Electronics Ltd. 0877830301 Datasheet HTML 2Page - Molex Electronics Ltd. 0877830301 Datasheet HTML 3Page - Molex Electronics Ltd. 0877830301 Datasheet HTML 4Page - Molex Electronics Ltd. 0877830301 Datasheet HTML 5Page - Molex Electronics Ltd. 0877830301 Datasheet HTML 6Page - Molex Electronics Ltd. 0877830301 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image


Similar Part No. - 0877830301

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877830301 MOLEX11-0877830301 Datasheet
31Kb / 2P
   0.60mm Pitch miniDIMM DDR3 Socket, Surface Mount, 22.5 Angle, 0.76m Gold
More results

Similar Description - 0877830301

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877830001 MOLEX10-0877830001 Datasheet
483Kb / 7P
   0.60mm (.024) Pitch miniDIMM DDR2 Socket, Surface Mount, 22.5째 Angle, 0.76關m (30關) Gold (Au) Plating, Off-White Latches, with Pick-and-Place Cap, 244 Circuits
0780350001 MOLEX9-0780350001 Datasheet
488Kb / 7P
   0.60mm (.024") Pitch miniDIMM DDR2 Socket, Surface Mount, 22.5째 Reverse Angle,0.76關m (30關") Gold (Au) Plating, Off-White Latches, with Pick-and-Place Cap, 244
0780350201 MOLEX9-0780350201 Datasheet
488Kb / 7P
   0.60mm (.024) Pitch miniDIMM DDR2 Socket, Surface Mount, 22.5째 Reverse Angle, 0.76關m (30關) Gold (Au) Plating, Off-White Latches, with Pick-and-Place Cap
0877830202 MOLEX10-0877830202 Datasheet
483Kb / 7P
   0.60mm (.024) Pitch miniDIMM DDR Socket, Surface Mount, 22.5째 Angle, 0.76關m (30關) Gold (Au) Plating, Off-White Latches, with Pick-and-Place Cap, 200 Circuits
0877830201 MOLEX10-0877830201 Datasheet
483Kb / 7P
   0.60mm (.024) Pitch miniDIMM DDR2 Socket, Surface Mount, 22.5째 Angle, 0.76關m (30關) Gold (Au) Plating, Off-White Latches, with Pick-and-Place Cap, 200 Circuits
0780350202 MOLEX9-0780350202 Datasheet
488Kb / 7P
   0.60mm (.024") Pitch miniDIMM DDR Socket, Surface Mount, 22.5째 Reverse Angle, 0.76關m (30關") Gold (Au) Plating, Off-White Latches, with Pick-and-Place Cap, 200 Circuits
0780350301 MOLEX9-0780350301 Datasheet
491Kb / 7P
   0.60mm (.024) Pitch miniDIMM DDR3 Socket, Surface Mount, 22.5째 Reverse Angle, 0.76關m (30關) Gold (Au) Plating, Off-White Latches, 244 Circuits,1.5V Voltage Key
0877823003 MOLEX10-0877823003 Datasheet
560Kb / 8P
   0.60mm (.024) Pitch miniDIMM DDR3, Socket, Surface Mount, Vertical, 1.5V Voltage Key, 244 Circuits, 0.76關m (30關) Gold (Au) Plating, Off- White Latches
0877822002 MOLEX10-0877822002 Datasheet
488Kb / 7P
   0.60mm (.024) Pitch miniDIMM Socket, Surface Mount, Vertical, 2.5V Voltage Key, 244 Circuits, 0.76關m (30關) Gold (Au) Plating, Off-White Latches
0877822003 MOLEX10-0877822003 Datasheet
561Kb / 8P
   0.60mm (.024) Pitch miniDIMM DDR2, Socket, Surface Mount, Vertical, 1.8V Voltage Key, 244 Circuits, 0.76關m (30關) Gold (Au) Plating, Off- White Latches
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com