Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

90120-0929 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 90120-0929
Description  2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 9 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

90120-0929 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  90120-0929 Datasheet HTML 1Page - Molex Electronics Ltd. 90120-0929 Datasheet HTML 2Page - Molex Electronics Ltd. 90120-0929 Datasheet HTML 3Page - Molex Electronics Ltd. 90120-0929 Datasheet HTML 4Page - Molex Electronics Ltd. 90120-0929 Datasheet HTML 5Page - Molex Electronics Ltd. 90120-0929 Datasheet HTML 6Page - Molex Electronics Ltd. 90120-0929 Datasheet HTML 7Page - Molex Electronics Ltd. 90120-0929 Datasheet HTML 8Page - Molex Electronics Ltd. 90120-0929 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0901200929
Status:
Active
Overview:
cgrid_iii
Description:
2.54mm (.100") Pitch C-Grid III™ Header, Single Row, Vertical, 9 Circuits, 0.76µm
(30µ") Gold (Au) Selective Plating
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
PCB Headers
Series
90120
Application
Wire-to-Board
Overview
cgrid_iii
Product Name
C-Grid III™
Physical
Breakaway
Yes
Circuits (Loaded)
9
Circuits (maximum)
9
Color - Resin
Black
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.114 In
PC Tail Length (mm)
2.90 mm
PCB Locator
No
PCB Retention
None
Packaging Type
Bag
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Polarized to Mating Part
No
Polarized to PCB
No
Shrouded
No
Stackable
No
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
350V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
90120Series
Mates With
90147 C-Grid® PC Board Connector. 90123
C-Grid III™ Modular Crimp Housing


Similar Part No. - 90120-0929

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
90120-0921 MOLEX10-90120-0921 Datasheet
1Mb / 9P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 1 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
90120-0922 MOLEX10-90120-0922 Datasheet
1Mb / 9P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 2 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
90120-0923 MOLEX10-90120-0923 Datasheet
1Mb / 9P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 3 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
90120-0924 MOLEX10-90120-0924 Datasheet
1Mb / 9P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 4 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
90120-0925 MOLEX10-90120-0925 Datasheet
1Mb / 9P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 5 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
More results

Similar Description - 90120-0929

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901361309 MOLEX10-0901361309 Datasheet
171Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 9 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0901200950 MOLEX10-0901200950 Datasheet
144Kb / 3P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 30 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0901200926 MOLEX10-0901200926 Datasheet
1Mb / 9P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 6 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0901200925 MOLEX10-0901200925 Datasheet
1Mb / 9P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 5 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0901200923 MOLEX10-0901200923 Datasheet
1Mb / 9P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 3 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0901209924 MOLEX10-0901209924 Datasheet
224Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 4 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0901200843 MOLEX10-0901200843 Datasheet
1Mb / 9P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 3 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0901361330 MOLEX10-0901361330 Datasheet
266Kb / 5P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 30 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0901200935 MOLEX10-0901200935 Datasheet
1Mb / 9P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 15 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0901200922 MOLEX10-0901200922 Datasheet
1Mb / 9P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 2 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com