Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

90500-3015 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 90500-3015
Description  2.54mm (.100) Vertical, ZIF Receptacle, 15 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

90500-3015 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  90500-3015 Datasheet HTML 1Page - Molex Electronics Ltd. 90500-3015 Datasheet HTML 2Page - Molex Electronics Ltd. 90500-3015 Datasheet HTML 3Page - Molex Electronics Ltd. 90500-3015 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Lead-free Process Capability
Wave Capable (TH only)
Material Info
Reference - Drawing Numbers
Product Specification
PS-90500-011
Sales Drawing
SD-90500-001
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 90500-3015

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
90500-3013 MOLEX10-90500-3013 Datasheet
171Kb / 4P
   2.54mm (.100) Vertical, ZIF Receptacle, 13 Circuits
90500-3016 MOLEX10-90500-3016 Datasheet
171Kb / 4P
   2.54mm (.100) Vertical, ZIF Receptacle, 16 Circuits
More results

Similar Description - 90500-3015

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022023153 MOLEX2-0022023153 Datasheet
139Kb / 2P
   2.54mm (.100) Vertical, Non-ZIF, Low Profile Receptacle, 15 Circuits
0905003007 MOLEX10-0905003007 Datasheet
171Kb / 4P
   2.54mm (.100) Vertical, ZIF Receptacle, 7 Circuits
0905003013 MOLEX10-0905003013 Datasheet
171Kb / 4P
   2.54mm (.100) Vertical, ZIF Receptacle, 13 Circuits
0905003016 MOLEX10-0905003016 Datasheet
171Kb / 4P
   2.54mm (.100) Vertical, ZIF Receptacle, 16 Circuits
0520451545 MOLEX7-0520451545 Datasheet
138Kb / 3P
   1.25mm (.049") Vertical, Non-ZIF Receptacle, 15 Circuits
0022153153 MOLEX2-0022153153 Datasheet
139Kb / 2P
   2.54mm (.100) Right Angle, Non-ZIF, Low Profile Receptacle, 15 Circuits
0022023053 MOLEX2-0022023053 Datasheet
139Kb / 2P
   2.54mm (.100) Vertical, Non-ZIF, Low Profile Receptacle, 5 Circuits
0022023073 MOLEX2-0022023073 Datasheet
139Kb / 2P
   2.54mm (.100) Vertical, Non-ZIF, Low Profile Receptacle, 7 Circuits
0022023093 MOLEX2-0022023093 Datasheet
139Kb / 2P
   2.54mm (.100) Vertical, Non-ZIF, Low Profile Receptacle, 9 Circuits
0022023143 MOLEX2-0022023143 Datasheet
139Kb / 2P
   2.54mm (.100) Vertical, Non-ZIF, Low Profile Receptacle, 14 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com