Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

90327-3354 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 90327-3354
Description  1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 4 Circuits, Natural, Gold Plated, Reeling Option D
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

90327-3354 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  90327-3354 Datasheet HTML 1Page - Molex Electronics Ltd. 90327-3354 Datasheet HTML 2Page - Molex Electronics Ltd. 90327-3354 Datasheet HTML 3Page - Molex Electronics Ltd. 90327-3354 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
reeling for 90327
Connectors
Semi-Automatic
Bench Press PB14
with Auto De-
reeling for 90327
Connectors (110V)
0691271024
Semi-Automatic
Bench Press PB14
with Auto De-reeling
and Foot Pedal
(110V)
0691271027
Extrator Tool
for Picoflex™
Connectors
0621006000
This document was generated on 03/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 90327-3354

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
90327-3351 MOLEX10-90327-3351 Datasheet
167Kb / 3P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 4 Circuits, Natural, Gold Plated, Reeling Option A
90327-3352 MOLEX10-90327-3352 Datasheet
168Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 4 Circuits, Natural, Gold Plated, Reeling Option B
90327-3353 MOLEX10-90327-3353 Datasheet
167Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 4 Circuits, Natural, Gold Plated, Reeling Option C
90327-3356 MOLEX10-90327-3356 Datasheet
168Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 6 Circuits, Natural, Gold Plated, Reeling Option B
90327-3357 MOLEX10-90327-3357 Datasheet
167Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 6 Circuits, Natural, Gold Plated, Reeling Option C
More results

Similar Description - 90327-3354

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0903273351 MOLEX10-0903273351 Datasheet
167Kb / 3P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 4 Circuits, Natural, Gold Plated, Reeling Option A
0903273353 MOLEX10-0903273353 Datasheet
167Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 4 Circuits, Natural, Gold Plated, Reeling Option C
0903273374 MOLEX10-0903273374 Datasheet
168Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 14 Circuits, Natural, Gold Plated, Reeling Option D
0903273362 MOLEX10-0903273362 Datasheet
168Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 8 Circuits, Natural, Gold Plated, Reeling Option D
0903273316 MOLEX10-0903273316 Datasheet
123Kb / 3P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 16 Circuits, Natural, Gold Plated, Reeling Option D
0903273352 MOLEX10-0903273352 Datasheet
168Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 4 Circuits, Natural, Gold Plated, Reeling Option B
0903273358 MOLEX10-0903273358 Datasheet
168Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 6 Circuits, Natural, Gold Plated, Reeling Option D
0903270354 MOLEX10-0903270354 Datasheet
168Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 4 Circuits, Natural, Tin Plated, Reeling Option D
0903273363 MOLEX10-0903273363 Datasheet
166Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 10 Circuits, Natural, Gold Plated, Reeling Option A
0903273376 MOLEX10-0903273376 Datasheet
168Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 16 Circuits, Natural, Gold Plated, Reeling Option B
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com